Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLOU248F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOU248F
Description  Panel Circuit Indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU248F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOU248F Datasheet HTML 1Page - Toshiba Semiconductor TLOU248F Datasheet HTML 2Page - Toshiba Semiconductor TLOU248F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TLOU248(F)
2007-10-01
1
TOSHIBA LED Lamp InGaAℓP Orange Light Emission
TLOU248(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• InGaAℓP orange LED
• Elliptical lens: Colored transparent lens
• Wide radiation
• Low drive current, high intensity orange light emission
• Plastic molded colored transparent lens provides for high contrast of
on−off ratio.
• Fast response time, capable of pulse operation.
• Applications: Suitable for outdoor message signboard, full color panel,
backlight.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
30
mA
Reverse voltage
VR
4
V
Power dissipation
PD
72
mW
Operating temperature range
Topr
−30~85
°C
Storage temperature range
Tstg
−40~120
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical and Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
―
2.0
2.4
V
Reverse current
IR
VR = 4 V
―
―
50
μA
Luminous intensity
IV
IF = 20 mA
(Note)
85
300
―
mcd
Peak emission wavelength
λP
IF = 20 mA
―
(612)
―
nm
Spectral line half width
Δλ
IF = 20 mA
―
15
―
nm
Dominant wavelength
λd
IF = 20 mA
―
605
―
nm
Note:Lamps are classified into the following ranks according to their luminous intensity. Each packing box includes
single Luminous Intensity class.
N: 85-230mcd, P: 153-414mcd, Q: 272mcd-
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: below the lead stopper of the device)
• If the lead is formed, the lead should be formed up to below the lead stopper of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.
Unit in mm
JEDEC
―
JEITA
―
TOSHIBA
4-5AP1
Weight: 0.3 g(Typ.)


Similar Part No. - TLOU248F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
TOSHIBA InGaALP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
194Kb / 6P
Panel Circuit Indicator
logo
Marktech Corporate
TLOU262 MARKTECH-TLOU262 Datasheet
203Kb / 5P
PANEL CIRCUIT INDICATOR
logo
Toshiba Semiconductor
TLOU262F TOSHIBA-TLOU262F Datasheet
194Kb / 6P
Panel Circuit Indicator
TLOU262 TOSHIBA-TLOU262_07 Datasheet
194Kb / 6P
Panel Circuit Indicator
More results

Similar Description - TLOU248F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com