Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLOU267 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOU267
Description  Panel Circuit Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU267 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOU267 Datasheet HTML 1Page - Toshiba Semiconductor TLOU267 Datasheet HTML 2Page - Toshiba Semiconductor TLOU267 Datasheet HTML 3Page - Toshiba Semiconductor TLOU267 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLOU267(F)
2007-10-01
1
TOSHIBA LED Lamp InGaAℓP Orange Light Emission
TLOU267(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 3mm package
• InGaAℓP orange LED
• All plastic mold type.
• Colored transparent lens
• Low drive current, high intensity orange light emission
Recommended forward current: IF=15~20mA(DC)
• All plastic molded lens, provides an excellent on−off contrast ratio.
• Fast response time, capable of pulse operation.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current(DC)
IF
30
mA
Reverse voltage
VR
4
V
Power dissipation
PD
72
mW
Operating temperature range
Topr
−30~85
°C
Storage temperature range
Tstg
−40~120
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit in mm
JEDEC
―
JEITA
―
TOSHIBA
4−3H1
Weight: 0.14 g(Typ.)


Similar Part No. - TLOU267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
TOSHIBA InGaALP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
194Kb / 6P
Panel Circuit Indicator
logo
Marktech Corporate
TLOU262 MARKTECH-TLOU262 Datasheet
203Kb / 5P
PANEL CIRCUIT INDICATOR
logo
Toshiba Semiconductor
TLOU262F TOSHIBA-TLOU262F Datasheet
194Kb / 6P
Panel Circuit Indicator
TLOU262 TOSHIBA-TLOU262_07 Datasheet
194Kb / 6P
Panel Circuit Indicator
More results

Similar Description - TLOU267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOH190P TOSHIBA-TLOH190P_06 Datasheet
167Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com