Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2509CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC2509CPWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC2509CPWR Datasheet(HTML) 3 Page - Texas Instruments

  CDC2509CPWR Datasheet HTML 1Page - Texas Instruments CDC2509CPWR Datasheet HTML 2Page - Texas Instruments CDC2509CPWR Datasheet HTML 3Page - Texas Instruments CDC2509CPWR Datasheet HTML 4Page - Texas Instruments CDC2509CPWR Datasheet HTML 5Page - Texas Instruments CDC2509CPWR Datasheet HTML 6Page - Texas Instruments CDC2509CPWR Datasheet HTML 7Page - Texas Instruments CDC2509CPWR Datasheet HTML 8Page - Texas Instruments CDC2509CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CDC2509C
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS620A − DECEMBER 1998 − REVISED DECEMBER 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PACKAGE
TA
SMALL OUTLINE
(PW)
0
°C to 85°C
CDC2509CPWR
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
CLK
24
I
Clock input. CLK provides the clock signal to be distributed by the CDC2509C clock driver. CLK is used
to provide the reference signal to the integrated PLL that generates the clock output signals. CLK must
have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is powered
up and a valid CLK signal is applied, a stabilization time is required for the PLL to phase lock the
feedback signal to its reference signal.
FBIN
13
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hard-wired to
FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so that there is nominally
zero phase error between CLK and FBIN.
1G
11
I
Output bank enable. 1G is the output enable for outputs 1Y(0:4). When 1G is low, outputs 1Y(0:4) are
disabled to a logic-low state. When 1G is high, all outputs 1Y(0:4) are enabled and switch at the same
frequency as CLK.
2G
14
I
Output bank enable. 2G is the output enable for outputs 2Y(0:3). When 2G is low, outputs 2Y(0:3) are
disabled to a logic low state. When 2G is high, all outputs 2Y(0:3) are enabled and switch at the same
frequency as CLK.
FBOUT
12
O
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as CLK.
When externally wired to FBIN, FBOUT completes the feedback loop of the PLL. FBOUT has an
integrated 25-
Ω series-damping resistor.
1Y (0:4)
3, 4, 5, 8, 9
O
Clock outputs. These outputs provide low-skew copies of CLK. Output bank 1Y(0:4) is enabled via the
1G input. These outputs can be disabled to a logic-low state by deasserting the 1G control input. Each
output has an integrated 25-
Ω series-damping resistor.
2Y (0:3)
21, 20, 17, 16
O
Clock outputs. These outputs provide low-skew copies of CLK. Output bank 2Y(0:3) is enabled via the
2G input. These outputs can be disabled to a logic-low state by deasserting the 2G control input. Each
output has an integrated 25-
Ω series-damping resistor.
AVCC
23
Power
Analog power supply. AVCC provides the power reference for the analog circuitry. In addition, AVCC can
be used to bypass the PLL for test purposes. When AVCC is strapped to ground, PLL is bypassed and
CLK is buffered directly to the device outputs.
AGND
1
Ground
Analog ground. AGND provides the ground reference for the analog circuitry.
VCC
2, 10, 15, 22
Power
Power supply
GND
6, 7, 18, 19
Ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com