Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2509CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC2509CPWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC2509CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC2509CPWR Datasheet HTML 6Page - Texas Instruments CDC2509CPWR Datasheet HTML 7Page - Texas Instruments CDC2509CPWR Datasheet HTML 8Page - Texas Instruments CDC2509CPWR Datasheet HTML 9Page - Texas Instruments CDC2509CPWR Datasheet HTML 10Page - Texas Instruments CDC2509CPWR Datasheet HTML 11Page - Texas Instruments CDC2509CPWR Datasheet HTML 12Page - Texas Instruments CDC2509CPWR Datasheet HTML 13Page - Texas Instruments CDC2509CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CDC2509C
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS620A − DECEMBER 1998 − REVISED DECEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
TI SILICON-BASED
PLL PULLDOWN IBIS I/V
100
60
40
20
0
80
0
0.5
1
1.5
2
2.5
3
3.5
VO − Output Voltage − V
120
VCC = 3.465 V
High IDS
TA = 0°C
Imax (Intel)
VCC = 3.135 V
Low IDS
TA = 85°C
Imin (Intel)
VCC = 3.3 V
Nom IDS
TA = 25°C
Figure 14
TI SILICON-BASED
PLL PULLUP IBIS I/V
−20
−60
−80
−100
−40
0
0.5
1
1.5
2
2.5
3
3.5
VO − Output Voltage − V
0
Imax (Intel)
VCC = 3.135 V
Low IDS
TA = 85°C
Imin (Intel)
VCC = 3.3 V
Nom IDS
TA = 25°C
VCC = 3.465 V
High IDS
TA = 0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com