Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCS503
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS503 Datasheet(HTML) 2 Page - Texas Instruments

  CDCS503 Datasheet HTML 1Page - Texas Instruments CDCS503 Datasheet HTML 2Page - Texas Instruments CDCS503 Datasheet HTML 3Page - Texas Instruments CDCS503 Datasheet HTML 4Page - Texas Instruments CDCS503 Datasheet HTML 5Page - Texas Instruments CDCS503 Datasheet HTML 6Page - Texas Instruments CDCS503 Datasheet HTML 7Page - Texas Instruments CDCS503 Datasheet HTML 8Page - Texas Instruments CDCS503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DEVICE INFORMATION
PACKAGE
1
8
2
7
3
6
4
5
CDCS503
IN
SSC_SEL 0
SSC_SEL 1
GND
V
DD
OE
OUT
FS
PACKAGE THERMAL RESISTANCE FOR TSSOP (PW) PACKAGE
CDCS503
SCAS872 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
FUNCTION TABLE
OE
FS
SSC_SEL 0
SSC_SEL 1
SSC AMOUNT
fOUT/fIN
fOUT at fin = 27 MHz
0
x
x
x
x
x
3-state
1
0
0
0
±0.00%
1
27 MHz
1
0
0
1
±0.50%
1
27 MHz
1
0
1
0
±1.00%
1
27 MHz
1
0
1
1
±2.00%
1
27 MHz
1
1
0
0
±0.00%
4
108 MHz
1
1
0
1
±0.50%
4
108 MHz
1
1
1
0
±1.00%
4
108 MHz
1
1
1
1
±2.00%
4
108 MHz
PIN FUNCTIONS
SIGNAL
PIN
TYPE
DESCRIPTION
IN
1
I
LVCMOS Clock input
OUT
6
O
LVCMOS Clock Output
SSC_SEL 0, 1
2, 3
I
Spread Selection Pins, internal pull-up
OE
7
I
Output Enable, internal pull-up
FS
5
I
Frequency Multiplication Selection, internal pull-up
VDD
8
Power
3.3V Power Supply
GND
4
Ground
Ground
over operating free-air temperature range (unless otherwise noted)
(1)
THERMAL AIRFLOW (CFM)
CDCS503PW 8-PIN TSSOP
UNIT
0
150
250
500
High K
149
142
138
132
RθJA
°C/W
Low K
230
185
170
150
High K
65
RθJC
°C/W
Low K
69
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCS503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com