Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS503 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCS503
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS503 Datasheet(HTML) 1 Page - Texas Instruments

  CDCS503 Datasheet HTML 1Page - Texas Instruments CDCS503 Datasheet HTML 2Page - Texas Instruments CDCS503 Datasheet HTML 3Page - Texas Instruments CDCS503 Datasheet HTML 4Page - Texas Instruments CDCS503 Datasheet HTML 5Page - Texas Instruments CDCS503 Datasheet HTML 6Page - Texas Instruments CDCS503 Datasheet HTML 7Page - Texas Instruments CDCS503 Datasheet HTML 8Page - Texas Instruments CDCS503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
APPLICATIONS
PACKAGE
1
8
2
7
3
6
4
5
CDCS503
IN
SSC_SEL 0
SSC_SEL 1
GND
V
DD
OE
OUT
FS
BLOCK DIAGRAM
GND
OUT
IN
FS
LVCMOS
Control
Logic
OE
LV
CMOS
VDD
SSC_SEL 0
SSC_SEL 1
x1orx4
/SSC
DESCRIPTION
CDCS503
www.ti.com .................................................................................................................................................................................................. SCAS872 – MARCH 2009
Clock Buffer/Clock Multiplier With Optional SSC
• Consumer and Industrial Applications
• Part of a Family of Easy to use Clock
requiring EMI reduction through Spread
Generator Devices With Optional SSC
Spectrum Clocking and/ or Clock
• Clock Multiplier With Selectable Output
Multiplication
Frequency and Selectable SSC
• SSC Controllable via 2 External Pins
–
±0%, ±0.5%, ±1%, ±2% Center Spread
• Frequency Multiplication Selectable Between
x1 or x4 With One External Control Pin
• Output Disable via Control Pin
• Single 3.3V Device Power Supply
• Wide Temperature Range –40°C to 85°C
• Low Space Consumption by 8 Pin TSSOP
Package
The CDCS503 is a spread spectrum capable, LVCMOS Input Clock Buffer with selectable frequency
multiplication.
It shares major functionality with the CDCS502 but utilizes a LVCMOS input stage instead of the crystal input
stage of the CDCS502. Also an Output Enable pin has been added to the CDCS503.
The device accepts a 3.3V LVCMOS signal at the input.
The input signal is processed by a PLL, whose output frequency is either equal to the input frequency or
multiplied by the factor of 4.
The PLL is also able to spread the clock signal by ±0%, ±0.5%, ±1% or ±2% centered around the output clock
frequency with a triangular modulation.
By this, the device can generate output frequencies between 8MHz and 108MHz with or without SSC.
A separate control pin can be used to enable or disable the output. The CDCS503 operates in 3.3V environment.
It is characterized for operation from –40°C to 85°C, and available in an 8-pin TSSOP package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCS503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503 TI1-CDCS503 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503 TI2-CDCS503 Datasheet
530Kb / 16P
Clock Buffer/Clock Multiplier With Optional SSC
REVISED JUNE 2012
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI2-CDCS503-Q1 Datasheet
530Kb / 16P
Clock Buffer/Clock Multiplier With Optional SSC
REVISED JUNE 2012
More results

Similar Description - CDCS503

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com