Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPDV3320-RQ-VM-FP Datasheet(PDF) 5 Page - Coherent Corp

Part # BPDV3320-RQ-VM-FP
Description  70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

BPDV3320-RQ-VM-FP Datasheet(HTML) 5 Page - Coherent Corp

  BPDV3320-RQ-VM-FP Datasheet HTML 1Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 2Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 3Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 4Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
© 2022 Coherent Corp.
Legal notices : coherent.com/legal
sales@coherent.com
www.coherent.com
B. Photodetector Power Supply
We recommend usage of our individually accessible photodetector power supply (PPS), in particular for optimized
performance at high optical input levels. As a portable device, it provides a stable bias voltage supply and a front display for
review of photocurrent.
Ordering Information
PPS-03-B
Photodetector power supply for all balanced detectors; includes 2x PPS, 1x cable set B-type. The PPS is compatible with EVA board
(specified scheme applicable to RM & RQ version). PPS units include 2x 1.5 V batteries.
Notes
Any trademarks used in this document are properties of their respective owners.
Coherent reserves the right to make changes without notice.
Accessories
A. Evaluation Kit
The kit serves as an easy-to-use utility to characterize the balanced
photodetector under laboratory conditions and consists of a printed
circuit board (PCB), four screws to establish removable connectivity
between photodetector and board, and one DC cable to ensure the
photodiode bias voltage.
Ordering Information
EVA-BPDV
Evaluation board for all balanced detectors; includes 1x PCB, 1x DC cable set,
and 4x socket-head screws 4-40 UNC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com