Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPDV3320-RQ-VM-FP Datasheet(PDF) 2 Page - Coherent Corp

Part # BPDV3320-RQ-VM-FP
Description  70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

BPDV3320-RQ-VM-FP Datasheet(HTML) 2 Page - Coherent Corp

  BPDV3320-RQ-VM-FP Datasheet HTML 1Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 2Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 3Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 4Page - Coherent Corp BPDV3320-RQ-VM-FP Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
Product Selection
Pin Descriptions
Block Diagram
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in
the operational sections of the datasheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
BPDV3320Rx-Vy-zz
Rx
R
= single balanced detector
RM
= dual pair of balanced detectors
RQ
= quad set of balanced detectors
Vy
VF
= female V-connector (standard)
VM
= male V-connector
zz
FP
= FC/PC connector (standard)
Other available choices are: FA-FC/APC
# Pin
Symbol
Description
3
VPD2
PD2 supply input
2/15
GND
Ground = case ground
14
VPD1
PD1 supply input
optical input 2
RF output
17
PD2
PD1
3
VPD2
2
GND
VPD1
14
GND
15
optical input 1
PD chip
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photodiode Bias Voltage
V
PD1
V
PD2
__
0
-4.0
4.0
0
V
Maximum Average Optical Input
Power
P
opt
Continuous wave (cw) or
40 Gbps NRZ, per channel
16
dBm
Maximum Peak Optical Input Power
P
peak
Pulse < 25 ps or RZ at 40 Gbps,
per channel
19
dBm
Electrostatic Discharge (ESD)
V
ESD
C = 100 pF, R = 1.5 kΩ HBM
-250
+250
V
Fiber Bend Radius
16
mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com