Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5365 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5365
Description  High-Performance Single 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5365 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5365 Datasheet HTML 3Page - Microchip Technology MIC5365 Datasheet HTML 4Page - Microchip Technology MIC5365 Datasheet HTML 5Page - Microchip Technology MIC5365 Datasheet HTML 6Page - Microchip Technology MIC5365 Datasheet HTML 7Page - Microchip Technology MIC5365 Datasheet HTML 8Page - Microchip Technology MIC5365 Datasheet HTML 9Page - Microchip Technology MIC5365 Datasheet HTML 10Page - Microchip Technology MIC5365 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Micrel, Inc.
MIC5365/6
June 2012
7
M9999-062012-C
Typical Characteristics
0
Power Supply
Rejection Ratio
100
FREQUENCY (Hz)
10
1k
10k
1M
VIN = VOUT +1V
VOUT = 2.5V
COUT = 1µF
75mA
100µA
150mA
100k
0
20
40
60
80
100
120
140
160
02
55
07
5 100 125 150
LOAD CURRENT (mA)
Dropout Voltage
vs. Load Current
VOUT = 3.3V
CIN = COUT = 1µF
0
150
200
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VOUT = 3.3V
CIN = COUT = 1µF
10mA
150mA
100mA
50mA
50
100
20
22
24
26
28
30
32
34
36
38
2.5 3.0
3.5 4.0
4.5 5.0
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
VEN = VIN
VOUT = 3.3V
CIN = COUT = 1µF
150mA
100µA
28
30
32
34
36
38
40
02
55
07
5 100 125 150
LOAD CURRENT (mA)
Ground Current
vs. Load Current
VIN = VEN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
20
22
24
26
28
30
32
34
36
38
40
Ground Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VEN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
50mA
100µA
100mA
150mA
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Output Voltage
vs. Load Current
VIN = VEN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
COUT = 1µF/10V
0 20 40 60 80 100 120 140 160
LOAD CURRENT (mA)
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.0 3.5
4.0 4.5
5.0 5.5
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
VEN = VIN
VOUT = 3.3V
CIN = COUT = 1µF
1mA
50mA
150mA
2.5
2.5
3.0
3.1
3.2
3.4
3.5
Output Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 3.3V
CIN = COUT = 1µF
IOUT = 150m A
3.3
200
250
300
350
400
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
VOUT = 3.3V
CIN = COUT = 1µF
0.001
0.01
0.1
1
10
0.001
Output Noise
Spectral Density
100
FREQUENCY (Hz)
10
1k
10k
1M
100k
10M
VIN = VEN = 4.5V
VOUT = 2.8V
CIN = COUT = 1µF
Noise (10Hz to 100kHz) = 198.19µV RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com