Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5365 Datasheet (PDF) - Microchip Technology

MIC5365 Datasheet PDF - Microchip Technology
Part # MIC5365
Download  MIC5365 Download
File Size   532.88 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Single 150mA LDO

MIC5365 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5365 Datasheet PDF - Microchip Technology

Part # MIC5365
Download  MIC5365 Click to download

File Size   532.88 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Single 150mA LDO

MIC5365 Datasheet (HTML) - Microchip Technology


MIC5365 Product details

General Description
The MIC5365/6 is an advanced general purpose linear regulator offering high power supply rejection (PSRR) in an ultra-small 1mm x 1mm package. The MIC5366 includes an auto-discharge feature that is activated when the enable pin is low. The MIC5365/6 is capable of sourcing 150mA output current and offers high PSRR making it an ideal solution for any portable electronic application.
Ideal for battery-powered applications, the MIC5365/6 offers 2% initial accuracy, low dropout voltage (155mV @ 150mA), and low ground current (typically 29μA). The MIC5365/6 can also be put into a zero-off-mode current state, drawing virtually no current when disabled.
The MIC5365/6 is available in several advanced packages including a lead-free (RoHS-compliant) 1mm x 1mm Thin MLF® occupying only 1mm2 of PCB area, a 75% reduction in board area compared to SC-70 and 2mm x 2mm MLF® packages. It is also available in a thin SOT23-5 package.
The MIC5365/6 has an operating junction temperature range of –40°C to 125°C.
Data sheets and support documentation can be found on Micrel’s web site at: www.micrel.com.

Features
• Tiny 1mm x 1mm thin MLF®, SC-70-5, and thin SOT23-5 packages
• Input voltage range: 2.5V to 5.5V
• 150mA guaranteed output current
• Stable with 1μF ceramic output capacitors
• Low dropout voltage – 155mV @ 150mA
• Excellent load/line transient response
• Low quiescent current – 29μA
• High PSRR – 70dB
• Output discharge circuit – MIC5366
• High output accuracy
– ±2% initial accuracy
• Thermal-shutdown and current-limit protection

Applications
• Mobile phones
• Digital cameras
• GPS, PDAs, PMP, handhelds
• Portable electronics




Similar Part No. - MIC5365

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5365-1.0YC5 MICREL-MIC5365-1.0YC5 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5365-1.0YMT MICREL-MIC5365-1.0YMT Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5365-1.2YC5 MICREL-MIC5365-1.2YC5 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
More results


Similar Description - MIC5365

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com