Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP161G Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP161G
Description  Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161G Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP161G Datasheet HTML 1Page - Toshiba Semiconductor TLP161G Datasheet HTML 2Page - Toshiba Semiconductor TLP161G Datasheet HTML 3Page - Toshiba Semiconductor TLP161G Datasheet HTML 4Page - Toshiba Semiconductor TLP161G Datasheet HTML 5Page - Toshiba Semiconductor TLP161G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP161G
2007-10-01
4
IF – Ta
Ambient temperature Ta (°C)
120
60
−20
10
50
40
30
20
0
20
40
80
100
60
0
IT(RMS) – Ta
Ambient temperature Ta (°C)
120
−20
0
100
80
60
20
0
40
80
100
120
60
20
40
ΔVF / ΔTa – IF
Forward current IF (mA)
−3.2
−0.4
0.1
−2.0
−1.6
−1.2
−0.8
1
3
10
30 50
−2.4
0.3
−2.8
IFP – DR
Duty cycle ratio DR
3000
10
1000
100
10−
3
3
10−
2
3
10−
1
3
10
0
500
50
30
300
3
Pulse width ≤ 100 μs
Ta = 25°C
IF – VF
Forward voltage VF (V)
100
0.1
30
10
3
1
0.3
0.8
1.2
1.4
1.6
1.8
50
5
0.5
0.6
1.0
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
1.0
2.2
2.6
3.0
500
100
50
10
3
1.4
1.8
300
30
5
Pulse width ≤ 10 μs
Repetitive frequency
= 100 Hz
Ta = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com