Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP161G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP161G
Description  Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP161G Datasheet HTML 1Page - Toshiba Semiconductor TLP161G Datasheet HTML 2Page - Toshiba Semiconductor TLP161G Datasheet HTML 3Page - Toshiba Semiconductor TLP161G Datasheet HTML 4Page - Toshiba Semiconductor TLP161G Datasheet HTML 5Page - Toshiba Semiconductor TLP161G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP161G
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP161G
Triac Drive
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP161G is a small outline coupler,
suitable for surface mount assembly.
The TLP161G consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
• Zero−voltage crossing turn−on
• Peak off−state voltage: 400V(min.)
• Trigger LED current: 10mA(max.)
• On−state current: 70mA(max.)
• Isolation voltage: 2500Vrms(min.)
• UL recognized: UL1577, file no. E67349
Trigger LED Current
Trigger LED Current (mA)
VT=3V, Ta=25°C
Classi
−
fication*
Min.
Max.
Marking Of
Classification
(IFT5)
―
5
T5
(IFT7)
―
7
T5, T7
Standard
―
10
T5, T7, blank
*Ex. (IFT5); TLP161G(IFT5)
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP161G(IFT5): TLP161G
Pin Configurations
1. ANODE
3. CATHODE
4. TERMINAL 1
6. TERMINAL 2
1
3
6
4
ZC
Unit in mm
TOSHIBA
11
−4C3
Weight: 0.09 g


Similar Part No. - TLP161G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Similar Description - TLP161G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com