Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP174G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP174G
Description  Photocoupler Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP174G Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP174G Datasheet HTML 1Page - Toshiba Semiconductor TLP174G Datasheet HTML 2Page - Toshiba Semiconductor TLP174G Datasheet HTML 3Page - Toshiba Semiconductor TLP174G Datasheet HTML 4Page - Toshiba Semiconductor TLP174G Datasheet HTML 5Page - Toshiba Semiconductor TLP174G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP174G
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 120 mA
⎯
1
3
mA
Return LED current
IFC
IOFF = 100 μA
0.1
⎯
⎯
mA
Load current limiting
ILIM
ION = 5 mA, VDD= 5 V, t < 5 ms
150
⎯
300
On-state resistance
RON
ION = 120 mA, IF= 5 mA
⎯
17
35
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
⎯
0.8
⎯
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
10
14
⎯
Ω
AC, 1 min
1500
⎯
⎯
AC, 1 s, in oil
⎯
3000
⎯
Vrms
Isolation voltage
BVS
DC, 1 min, in oil
⎯
3000
⎯
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
⎯
0.3
1
Turn-off time
tOFF
RL = 200 Ω
VDD = 20 V, IF = 5 mA
(Note 2)
⎯
0.1
1
ms
Note 2: Switching time test circuit
4
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
3
2
IF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com