Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP174G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP174G
Description  Photocoupler Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP174G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP174G Datasheet HTML 1Page - Toshiba Semiconductor TLP174G Datasheet HTML 2Page - Toshiba Semiconductor TLP174G Datasheet HTML 3Page - Toshiba Semiconductor TLP174G Datasheet HTML 4Page - Toshiba Semiconductor TLP174G Datasheet HTML 5Page - Toshiba Semiconductor TLP174G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP174G
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP174G
Modem·Fax Cards, Modems in PC
Telecommunications
PBX
Measurement Equipment
The Toshiba TLP174G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a SOP,
which is suitable for surface mount assembly.
The TLP174G is suitable for the modem applications which require
space savings.
• 4-pin SOP (2.54SOP4): Height = 2.1 mm, Pitch = 2.54 mm
• 1-Form-A
• Peak Off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 120 mA (max)
• Limit current: 150 mA~300 mA (t = 5 ms)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 1500 Vrms (min)
Pin Configuration (top view)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
11-5H1
Weight: 0.1 g (typ.)
1: Anode
2: Cathode
3: Drain
4: Drain
1
2
4
3


Similar Part No. - TLP174G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA Datasheet
178Kb / 6P
Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
More results

Similar Description - TLP174G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
Photocoupler PHOTORELAY
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com