Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARK2425DPD0 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ARK2425DPD0
Description  HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna - Model: HG2425DPD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARK2425DPD0 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ARK2425DPD0 Datasheet HTML 1Page - Infinite Electronics International, Inc. ARK2425DPD0 Datasheet HTML 2Page - Infinite Electronics International, Inc. ARK2425DPD0 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Optional Radome Cover – HGR-09
HyperLink Radome Covers are an ideal way to provide additional protection to
our parabolic dish antennas. These light weight radome kits feature fiberglass
construction and UV stable gray finish. Drain holes are provided on the radome
cover to help prevent moisture build-up inside the dish antenna.
These radome kits bolt directly to the dish antennas with the provided stainless
steel hardware. Drilling mounting holes in the antenna is not required. The
radome cover can be attached to existing antennas already mounted in the field
or pre-assemble to the antenna before mounting.
Specifications
Electrical Specifications
Frequency Range
2400 – 2500 MHz
Gain
25 dBi
Polarization
Adjustable - Dual Polarized (Vertical and Horizontal)
or X-Polarized (+45° and -45°)
Horizontal Beam Width
8.4°
Vertical Beam Width
8.4°
VSWR
< 1.5 typical
F/B Ratio
> 32 dB
Cross-Pol Isolation
> 28 dB
Max Input Power
100W
Input Impedance
50 Ohm
Lightning Protection
DC Ground
Mechanical Specifications
Connectors
(2) N-Female
Diameter
35.43 in. (900mm)
Weight
16.9 lbs. (7.7kg)
Mounting Mast Size (Dia.)
1.57 - 2.36 in. (40 - 60mm)
Rated Wind Velocity
130.5 mph (210km/h)
Wind Loading Data
Wind Speed (MPH)
Loading
100
237 lb.
125
369 lb.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com