Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARK2425DPD0 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARK2425DPD0
Description  HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna - Model: HG2425DPD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARK2425DPD0 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARK2425DPD0 Datasheet HTML 1Page - Infinite Electronics International, Inc. ARK2425DPD0 Datasheet HTML 2Page - Infinite Electronics International, Inc. ARK2425DPD0 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic
Dish Antenna - Model: HG2425DPD
Applications
2.4 GHz ISM band
IEEE 802.11b/g/n wireless LAN, WiFi systems
Long range directional applications
Point to point and point to multi-point applications
Wireless bridges and backhaul applications
Features
Aluminum reflector dish with UV stable light
gray polymer finish
Adjustable Dual and X Polarity feed horn
system with (2) N-Female connectors
Perforated dish helps reduce wind loading
Includes tilt and swivel mast mount kit
Optional radome cover kit available
Description
The HyperLink HG2425DPD is a high performance 25 dBi dual polarized parabolic dish antenna ideal for long range
directional applications such as point to point systems, point to multi-point and wireless bridges. It is designed for
use in the 2.4GHz ISM band as well as IEEE 802.11b/g/n wireless LAN systems.
Adjustable Dual Polarity Feed Horn System
The HG2425DPD features an adjustable dual polarity feed horn system which allows the antenna to be configured
for Dual Polarization (horizontal and vertical) or for X-Polarization (+45° and -45°). It is fed via two N-Female
antenna leads, one for each polarized signals. This feature makes it ideal for MIMO/802.11n and polarization
diversity systems. For outdoor 802.11n or MIMO applications, two polarization diverse antennas are required for
the radio to operate at its highest data rate. These features make this antenna ideal for MIMO systems.
Rugged and Weatherproof
The reflector dish of the HG2425DPD is constructed from high quality
aluminum which gives it superior strength. The dish is coated in a light gray
UV-inhibited polymer for durability and aesthetics. Perforated holes in the
dish helps minimize wind loading. Supplied with the antenna is a tilt and
swivel mast mount kit. This allows installation at various degrees of incline
for easy alignment.


Similar Part No. - ARK2425DPD0

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARK2425DPD-0 L-COM-ARK2425DPD-0 Datasheet
273Kb / 3P
HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic
More results

Similar Description - ARK2425DPD0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
GD5W LSTD-GD5W Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
S24024P LSTD-S24024P Datasheet
702Kb / 1P
Parabolic Dish Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
Laird Tech Smart Techno...
GD5X LSTD-GD5X Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com