Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX92321 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX92321
Description  4-port/8-port USB 3.0 PCI Express Card with 4 Independent Host Controllers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX92321 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX92321 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX92321 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
143
4-port/8-port USB 3.0 PCI Express Card with 4 Independent Host Controllers
Features
AX92321
Introduction
The AX92321 has 4-port and 8-port versions for users to choose from for various applications. The 4-port AX92321 has four independent Renesas μPD720202 USB
3.0 host controllers to offer up to 5 Gbps bandwidth per port-even when four ports are used simultaneously. The AX92321 can be configured to support maximum
of 900mA or 1500mA current output to supply stable power for various external USB devices. The AX92321 also supports power on/off control for each port
via software settings. This USB 3.0 PCI Express card is able to operate under a wide operating temperature range of 0°C to 70°C, allowing it to be used in harsh
environments for vision and factory automation applications.
Side view
Specifications
USB
Channels
4 x USB 3.0 type A connector (AX92321-4U)
8 x USB 3.0 type A connector (AX92321-8U)
Controller
4 x Renesas μPD720202 host controllers Compliant with USB 3.0 specification and Intel® xHCI specification, revision 1.0
Max. Current
900/1500 mA maximum per port configurable via jumper settings
Data Transfer Rate
Super speed (5.0 Gbps)/high speed (480.0 Mbps)/full speed (12.0 Mbps)/low speed (1.5 Mbps)
General
Bus Type
PCI Express x4 Gen2
Power Requirements
Power from PCIe slot (total power max. 20W USB power output)
2.1A@ +12V
0.8A @ +3.3V
Power from ATX power connector
5A @ +12V or 2.5A @ +24V
0.8A @ +3.3V (from PCIe slot)
Power from 4P Molex power connector
5A @ +12V
0.8A @ +3.3V (from PCIe slot)
Dimensions
168 mm (6.6”) x 107 mm (4.2”)
Power Connector
4-pin Molex connector
6-pin ATX power connector
Operating Temperature 0°C to +70°C (+32°F to +158°F)
Storage Temperature
-20°C to +80°C (-4°F to +176°F)
Operating Humidity
10- 95% RH, non-condensing
Certifications
CE compliance
OS
Windows® 7/10 (32/64-bit)
Ubuntu 20.04 LTS
Software
Each port’s power on/off is controlled by software
8 x USB 3.0
4 x USB 3.0
● 4 or 8 USB 3.0 ports
● 4 independent USB 3.0 host controllers
● 900 mA/1500 mA max. per port configurable via jumper
settings
● Compliant with USB 3.0 Rev.1.0 and Intel® xHCI Rev.1.0
● PCI Express x4 interface
● Operating temperature from 0˚C to 70°C
● Supports Windows® 7/10 and Ubuntu 20.04 LTS
● Supports power on/off for each port via software settings


Similar Part No. - AX92321

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92320 AXIOMTEK-AX92320 Datasheet
345Kb / 1P
4-port PCI Express GigE Vision Frame Grabber Card
AX92320 AXIOMTEK-AX92320 Datasheet
339Kb / 2P
2/4-port PCI Express GigE Frame Grabber Card
Apr. 29, 2024.
AX92320-2GBE AXIOMTEK-AX92320-2GBE Datasheet
339Kb / 2P
2/4-port PCI Express GigE Frame Grabber Card
Apr. 29, 2024.
AX92320-4GBE AXIOMTEK-AX92320-4GBE Datasheet
339Kb / 2P
2/4-port PCI Express GigE Frame Grabber Card
Apr. 29, 2024.
AX92320 AXIOMTEK-AX92320_V01 Datasheet
339Kb / 2P
2/4-port PCI Express GigE Frame Grabber Card
Apr. 29, 2024.
More results

Similar Description - AX92321

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
4-Lane 4-Port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8604 AVAGO-PEX8604 Datasheet
858Kb / 4P
Flexible & Versatile 4-lane 4-port PCI Express
SAS9280-16I4E AVAGO-SAS9280-16I4E Datasheet
272Kb / 2P
16-Port Internal / 4-Port External PCI Express SATA
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Vecow Co., Ltd.
UE-1004 VECOW-UE-1004 Datasheet
279Kb / 1P
4-port USB 3.0 Host Adapter with 4 Independent USB 3.0 Controllers
UE-1008 VECOW-UE-1008 Datasheet
325Kb / 1P
8-port USB 3.0 Host Adapter with 4 Independent USB 3.0 Controllers
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
PCIE-1154 ADVANTECH-PCIE-1154 Datasheet
267Kb / 1P
4-port PCI Express USB Vision Frame Grabber
26-Oct-2021
logo
Renesas Technology Corp
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com