Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPTC-V Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LPTC-V
Description  Toroidal Common Mode Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LPTC-V Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LPTC-V Datasheet HTML 1Page - Bel Fuse Inc. LPTC-V Datasheet HTML 2Page - Bel Fuse Inc. LPTC-V Datasheet HTML 3Page - Bel Fuse Inc. LPTC-V Datasheet HTML 4Page - Bel Fuse Inc. LPTC-V Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2024 Signal Transformer
Specifications subject to change without notice
LPTC-V Series Oct-17-2024
LPTC-V Series Datasheet
RoHS
Compliant
DIMENSIONS & ELECTRICAL CHARACTERISTICS
Electrical specifications for all part numbers measured at 25°C unless otherwise stated. Dimensions are in mm.
Signal
Part Number
Inductance
(mH)
@ 1 kHz
Current
(A)
DCR
(mΩ)
Max
Diameter
(A)
Max
Width
(B)
Max
Height
(C)
Leads
Length
(± 1)
(D)
Lead
Thickness
(± 0.1)
(E)
Max
Tinning
Height
(F)
LPTC-V-0.51-1-40
0.51
1
40
18
13
17
12.7
0.4
1.5
LPTC-V-0.85-1-60
0.85
1
60
18
13
17
12.7
0.4
1.5
LPTC-V-1.7-1-70
1.70
1
70
18
13
17
12.7
0.4
1.5
LPTC-V-2.55-1-100
2.55
1
100
18
13
17
12.7
0.4
1.5
LPTC-V-4.25-1-150
4.25
1
150
18
13
17
12.7
0.4
1.5
LPTC-V-0.51-2-30
0.51
2
30
18
13
17
12.7
0.5
1.5
LPTC-V-0.85-2-40
0.85
2
40
18
13
17
12.7
0.5
1.5
LPTC-V-1.7-2-60
1.70
2
60
18
13
17
12.7
0.5
1.5
LPTC-V-2.55-2-75
2.55
2
75
18
13
17
12.7
0.5
1.5
LPTC-V-0.51-3-20
0.51
3
20
18
13
17
12. 7
0.65
1.5
LPTC-V-0.85-3-30
0.85
3
30
18
13
17
12. 7
0.65
1.5
LPTC-V-0.85-2-50
0.85
2
50
22
13
21
12.7
0.5
1.5
LPTC-V-1.7-2-75
1.70
2
75
22
13
21
12.7
0.5
1.5
LPTC-V-2.55-2-85
2.55
2
85
22
13
21
12.7
0.5
1.5
LPTC-V-4.25-2-110
4.25
2
110
22
13
21
12.7
0.5
1.5
LPTC-V-6.8-2-200
6.80
2
200
22
13
21
12.7
0.5
1.5
LPTC-V-0.85-5-35
0.85
5
35
22
13
21
12.7
0.8
1.5
LPTC-V-42.5-2-200
42.2
2
200
32
21
31
12.7
0.6
1.5
LPTC-V-4.25-4-46
4.25
4
46
32
21
31
12.7
0.7
1.5
LPTC-V-6.8-4-60
6.80
4
60
32
21
31
12.7
0.7
1.5
LPTC-V-25.5-4-130
25.5
4
130
32
21
31
12.7
0.7
1.5
LPTC-V-1.7-5-40
1.70
5
40
32
21
31
12.7
0.9
1.5
LPTC-V-9.35-5-72
9.35
5
72
32
21
31
12.7
0.9
1.5
LPTC-V-2.55-10-20
2.55
10
20
32
21
31
12.7
1.17
1.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com