Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPTC-V Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LPTC-V
Description  Toroidal Common Mode Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LPTC-V Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LPTC-V Datasheet HTML 1Page - Bel Fuse Inc. LPTC-V Datasheet HTML 2Page - Bel Fuse Inc. LPTC-V Datasheet HTML 3Page - Bel Fuse Inc. LPTC-V Datasheet HTML 4Page - Bel Fuse Inc. LPTC-V Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
belfuse.com/signal
LPTC-V Series
Toroidal
Common Mode Chokes
The LPTC-V product Series are the continued expansion in the toroidal
family of common mode chokes offered by Signal Transformer. These
toroidal coils offer a wide variety of performance characteristics, designed
around a UL94V-0 plastic cased ferrite core. All models are useful in
various noise countermeasure applications such as power supplies,
home appliances, IoT and AV equipment.
The LPTC-V Series of two-line common mode chokes are ideal for
suppression of conductive EMI emissions as commonly found in many
electronic circuit designs and offer a wide operating range of -55 °C to
+125 °C. Custom versions are available upon request.
General Features
•
Low DCR
•
Wide range of inductance and current
•
High impedance at low frequency
•
Vertical design (no base)
•
High temperature Operation
•
Single layer wound coils
•
Reach and RoHS compliant
Specifications
•
2 line common mode choke
•
0.51 to 25.5 mH Inductance range
•
Current range 1 to 5 A
•
Dielectric strength 3.75 kVrms
•
Coil wound on UL94V-0 rated plastic cap
•
Operating temperature -55°C to +125°C
Applications
•
Power supplies
•
Home appliances / IoT
•
Audio-visual equipment
RoHS
Compliant


Similar Part No. - LPTC-V

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
More results

Similar Description - LPTC-V

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
TALEMA Group. LLC
CAB-0.5-10 TALEMA-CAB-0.5-10 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com