Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H12WD Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # H12WD
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

H12WD Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  H12WD Datasheet HTML 1Page - Sensata Technologies, Inc. H12WD Datasheet HTML 2Page - Sensata Technologies, Inc. H12WD Datasheet HTML 3Page - Sensata Technologies, Inc. H12WD Datasheet HTML 4Page - Sensata Technologies, Inc. H12WD Datasheet HTML 5Page - Sensata Technologies, Inc. H12WD Datasheet HTML 6Page - Sensata Technologies, Inc. H12WD Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
SURGE CURRENT INFORMATION
THERMAL DERATE INFORMATION
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
25 A
0
100
200
300
400
500
600
0.01
0.1
1
10
Surge Duration (Secs)
50 A
0
100
200
400
300
500
600
700
900
800
0.01
0.1
1
10
Surge Duration (Secs)
75 A
0
200
400
800
600
1000
1200
1400
1800
1600
0.01
0.1
1
10
Surge Duration (Secs)
125 A
0
150
450
300
600
750
900
1200
1050
0.01
0.1
1
10
Surge Duration (Secs)
90 A
50
40
30
20
10
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
50 A
0.7ºC/W
1ºC/W
1.5ºC/W
2ºC/W
75
60
45
30
15
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
75 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
25
20
15
10
5
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
25 A
1.5ºC/W
2ºC/W
3ºC/W
80
90
70
50
30
10
60
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
90 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
80
100
120
60
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
125 A
0.5ºC/W
0.7ºC/W
1ºC/W
Non repetitive peak surge current at Tj initial 40ºC.
Page 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com