Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H12WD Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # H12WD
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

H12WD Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  H12WD Datasheet HTML 1Page - Sensata Technologies, Inc. H12WD Datasheet HTML 2Page - Sensata Technologies, Inc. H12WD Datasheet HTML 3Page - Sensata Technologies, Inc. H12WD Datasheet HTML 4Page - Sensata Technologies, Inc. H12WD Datasheet HTML 5Page - Sensata Technologies, Inc. H12WD Datasheet HTML 6Page - Sensata Technologies, Inc. H12WD Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
GENERAL NOTES
For additional information or specific questions, contact Technical Support.
(1) Single pair (up to 25A) Double pair* (50A model only).
*Caution: User must connect to both pairs
(2) Option “K” is designed and tested for use with printed circuit boards or ring/fork terminals having a thickness between 0.031 and 0.093 inches (0.79 to 2.36 mm), and loads rated up to 50 Amps.
For higher load currents, the “K” stando temperature must not exceed 105°C. For additional application assistance please contact Technical Support.
(3) Output will self trigger between 900-1200Vpk, Min. power factor 0.7 or higher, not suitable for capacitive loads.
(4) Instantaneous turn-on version is not recomended for capacitive loads. Use zero turn-on only.
(5) All parameters at 25°C unless otherwise specified.
(6) Heat sinking required, see derating curves.
(7) Increase minimum voltage by 1V for operations from -20 to -40°C.
(8) Turn-on time for Instantaneous turn-on versions is 0.02 msec.
(9)
All parameters at 50% power rating and 100% duty cycle.
(10) Load can be wired to either SSR output terminal 1 or 2.
(11) Elective Input Status LED, “G” option.
(12) Elective Overvoltage Protection, “P” option.
Note: Not all part number combinations are available.
Contact Technical support for information on
the availability of a specific part number.
Serires
Operating Voltage
Transient Overvoltage
2WD: 1200 Vpk
Rated Load Current
H1
2WD
48
25
K
P
G
H
-10
ORDERING OPTIONS
Required for valid part number
For options only and not
required for valid part number
48: 48-660 VAC
25: 25 Amps90: 90 Amps
50: 50 Amps125: 125 Amps
75: 75 Amps
Termination
Blank: Screw
F: Quick Connect (Up to 50 Amps only) (1)
K: Hex standos (2)
Overvoltage Protection
Blank: Not Included
P: Included (3)
Input Status LED
Blank: Not Included
G: Included
Thermal Pad
Blank: Not Included
H: Included
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (4)
H1
Example: H12WD4825KPGH-10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com