Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1708 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTP1708
Description  RP-TNC STRAIGHT PLUG CRIMP FOR RG58 /LMR195
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTP1708 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTP1708 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.681
17.3
0.520
13.2
0.209
5.3
0.138
3.5
PIN
RoHS Compliant
RECOMMENDED CABLE
CRIMP SIZE
RECOMMENDED
D
WITHSTAND VOLTAGE: 1500V
CRIMP SIZE
FERRULE
RECOMMENDED
NOTES:
>
ELECTRICAL:
IMPEDANCE: 50 OHMS
DURABILITY:
1.50 @ 0~4 GHz
<
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
VSWR:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
FREQUENCY RANGE: 0~4 GHz
500 CYCLE
CABLE RETENTION: > 40 POUNDS
STRIPPING
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACTS
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
COUPLING NUT
BRASS
NICKEL
CRIMP FERRULE
BRASS
NICKEL
GASKET
RUBBER
---
INSULATOR
TEFLON
---
RETAINING RING
BRASS
NICKEL
09/22/09
8
A
B
C
09/22/09
M.Audas
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
D
ARTP-1708
1
ECN 4355: UPDATED FORMAT AND TEXT
ARTP-1708.SLDDRW
1
REVISIONS
DESCRIPTION
APPROVED
REV
09/22/09
DATE
04/17/03
ECN 4268: UPDATED BODY AND STRIPPING DIMENSIONS
09/22/09
P.PESA
B.PUCHASKI
B
11/05/09
C
INITIAL RELEASE
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
11/2/11
DIMENSIONS ARE IN INCHES [mm]
D
ECN 5802: CHANGED VALUES TO 0 ~ 4 GHz
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
RP-TNC STRAIGHT PLUG CRIMP
CONNECTOR
PROJECTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
M.Audas
B.Puchaski
FOR RG58 /LMR195
MAY OCCUR
ALL = ± 1°
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
A
7/16-28 UNEF-2B


Similar Part No. - ARTP1708

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1710 L-COM-ARTP1710 Datasheet
58Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR195
02/07/14
ARTP1714 L-COM-ARTP1714 Datasheet
49Kb / 1P
CON, RP-TNC P R/A CRIMP LMR195
4/30/10
More results

Similar Description - ARTP1708

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73056 POMONA-73056 Datasheet
134Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Pasternack Enterprises,...
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4716 PASTERNACK-PE4716 Datasheet
241Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG58
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4696 PASTERNACK-PE4696 Datasheet
266Kb / 2P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4738 PASTERNACK-PE4738 Datasheet
207Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG58
logo
List of Unclassifed Man...
CONREVSMA007-R58 ETC2-CONREVSMA007-R58 Datasheet
154Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA011-R58 ETC2-CONREVSMA011-R58 Datasheet
155Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Pasternack Enterprises,...
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com