Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM-1708 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASM-1708
Description  CON,SMA MALE STRAIGHT CRIMP, LMR195
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASM-1708 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASM-1708 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.315
8.0
.31
7.9
.04
0.9
.10
2.5
.039
1.0
CENTER CONTACT
CRIMP
.213
5.4
FERRULE CRIMP
.71
18.1
.126
3.2
.185
4.7
.47
12.0
.217
5.5
.256
6.5
.36
9.1
.041
1.05
RECOMMENDED CABLE
STRIPPING
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms
FREQUENCY RANGE: DC~6 GHz
VOLTAGE RATING: 500V PEAK
DURABILITY:
≥ 500 CYCLES
CABLE RETENTION: 30 POUNDS PULL
MISCELLANEOUS:
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
D
D
D
D
D
DESCRIPTION
MATERIAL
FINISH
MAIN BODY
BRASS
NICKEL
CENTER CONTACT
PHOSPHOR BRONZE
GOLD
OUTER CONTACT
BRASS
NICKEL
FERRULE
BRASS
NICKEL
RETAINING RING
PHOSPHOR BRONZE
------
INSULATOR
PTFE
------
GASKET
MVQ
------
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ASM-1708
D
ASM-1708.SLDDRW
1
1
M.AUDAS
08/21/2009
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
M.AUDAS
08/21/2009
02/17/2011
C
D
ECN5321: UPDATED FORMAT AND NOTES. ADDED PACKAGING NOTE.
ECN 9551: UPDATE DIM'S AND MATERIAL'S
12/09/2018 SLI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CON,SMA MALE STRAIGHT CRIMP, LMR195
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
1AB01-024
BPUCHASKI
COLOR VARIATIONS
MAY OCCUR
08/21/2009
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - ASM-1708

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASM-1710 L-COM-ASM-1710 Datasheet
46Kb / 1P
CON,SMA PLUG R/A LMR195, RG58
10/4/10
ASM-1714 L-COM-ASM-1714 Datasheet
49Kb / 1P
CON, SHROUDED SMA MALE R/ANGLE
12/4/12
More results

Similar Description - ASM-1708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
354867 ERNI-354867 Datasheet
49Kb / 1P
Male con. D32 solder
354871 ERNI-354871 Datasheet
53Kb / 1P
Male Con. E48 Solder
100600760003 ERNI-100600760003 Datasheet
58Kb / 1P
Male con. D32 solder
logo
Adam Technologies, Inc.
RF2-02-T-21-50-G ADAM-TECH-RF2-02-T-21-50-G Datasheet
66Kb / 1P
SMA MALE CRIMP TYPE
RF2-14-T-08-50-G ADAM-TECH-RF2-14-T-08-50-G Datasheet
969Kb / 1P
SMA MALE CRIMP
RF2-57-T-02-50-G ADAM-TECH-RF2-57-T-02-50-G Datasheet
69Kb / 1P
SMA MALE BULKHEAD CRIMP
logo
Pasternack Enterprises,...
PE4003 PASTERNACK-PE4003_16 Datasheet
361Kb / 3P
SMA Male Connector Crimp/Crimp Attachment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com