Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7612 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC7612
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7612 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC7612 Datasheet HTML 4Page - Texas Instruments DAC7612 Datasheet HTML 5Page - Texas Instruments DAC7612 Datasheet HTML 6Page - Texas Instruments DAC7612 Datasheet HTML 7Page - Texas Instruments DAC7612 Datasheet HTML 8Page - Texas Instruments DAC7612 Datasheet HTML 9Page - Texas Instruments DAC7612 Datasheet HTML 10Page - Texas Instruments DAC7612 Datasheet HTML 11Page - Texas Instruments DAC7612 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
®
DAC7612
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
10.000
1.000
0.100
0.010
OUTPUT VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
Data = FFF
H
5
4
3
2
1
0
–1
–2
–3
–4
–5
LONG-TERM DRIFT ACCELERATED BY BURN-IN
Hours of Operation at +150
°C
0
168
336
504
672
840
1008
Max
Avg
Min
4.111
4.103
4.095
4.087
4.079
FULL-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Avg + 3
σ
Avg – 3
σ
Avg
35
30
25
20
15
10
5
0
–12 –10
–8
–6
–4
–2
0
2
8
4
6
10
12
T.U.E =
Σ (INL + Z
SE + FSE)
Sample Size = 200 Units
T
A = +25°C
TOTAL UNADJUSTED ERROR HISTOGRAM
FALL TIME DETAIL
Time (10
µs/div)
C
L = 100pF
R
L = No Load
LOADDACS
3
2
1
0
–1
ZERO-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Avg – 3
σ
Avg
Avg + 3
σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com