Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7612 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7612
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7612 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7612 Datasheet HTML 1Page - Texas Instruments DAC7612 Datasheet HTML 2Page - Texas Instruments DAC7612 Datasheet HTML 3Page - Texas Instruments DAC7612 Datasheet HTML 4Page - Texas Instruments DAC7612 Datasheet HTML 5Page - Texas Instruments DAC7612 Datasheet HTML 6Page - Texas Instruments DAC7612 Datasheet HTML 7Page - Texas Instruments DAC7612 Datasheet HTML 8Page - Texas Instruments DAC7612 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 1999 Burr-Brown Corporation
PDS-1501A
Printed in U.S.A. June, 1999
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
®
DAC7612
Dual, 12-Bit Serial Input
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7612 is a dual, 12-bit digital-to-analog con-
verter (DAC) with guaranteed 12-bit monotonicity
performance over the industrial temperature range. It
requires a single +5V supply and contains an input
shift register, latch, 2.435V reference, a dual DAC, and
high speed rail-to-rail output amplifiers. For a full-
scale step, each output will settle to 1 LSB within 7
µs
while only consuming 3.7mW.
The synchronous serial interface is compatible with a
wide variety of DSPs and microcontrollers. Clock
(CLK), Serial Data In (SDI), Chip Select (CS) and
Load DACs (LOADDACS) comprise the serial inter-
face.
The DAC7612 is available in an 8-lead SOIC package
and is fully specified over the industrial temperature
range of –40
°C to +85°C.
FEATURES
q LOW POWER: 3.7mW
q FAST SETTLING: 7
µs to 1 LSB
q 1mV LSB WITH 4.095V FULL-SCALE
RANGE
q COMPLETE WITH REFERENCE
q 12-BIT LINEARITY AND MONOTONICITY
OVER INDUSTRIAL TEMP RANGE
q 3-WIRE INTERFACE: Up to 20MHz Clock
q SMALL PACKAGE: 8-Lead SOIC
APPLICATIONS
q PROCESS CONTROL
q DATA ACQUISITION SYSTEMS
q CLOSED-LOOP SERVO-CONTROL
q PC PERIPHERALS
q PORTABLE INSTRUMENTATION
DAC7612
12-Bit DAC A
DAC Register A
14-Bit Serial Shift Register
12
12
DAC Register B
Ref
12
12
LOADDACS
CS
CLK
SDI
VDD
GND
VOUTA
DAC7612
12-Bit DAC B
VOUTB
SBAS106


Similar Part No. - DAC7612

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612 TI1-DAC7612 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612 TI1-DAC7612 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7612U BURR-BROWN-DAC7612U Datasheet
126Kb / 12P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7612

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com