Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW900ITR Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AW900ITR
Description  900 MHz Indoor Wireless Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW900ITR Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AW900ITR Datasheet HTML 1Page - Infinite Electronics International, Inc. AW900ITR Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
900 MHz Indoor Wireless Ethernet Radio
This new product allows you to build non-line-of-sight, point-to-multipoint wireless Ethernet
connections that connect “fringe” IP devices, including IP access control readers, remote printers,
remote PCs, VoIP phones, point-of-sale devices, digital signage or industrial control devices.
The AW900iTR radios include a built-in spectrum analyzer and they are IP addressable with web
browser based remote configuration and diagnostic tools included. A small LCD panel on the front of
the unit can also verify proper operation at a glance. The radio’s case is rugged extruded aluminum
and is designed to meet C1D2 standards for hazardous environments (certification pending). A DIN Rail
mounting clip is provided on the case back to facilitate installation in industrial equipment cabinets.
AvaLAN’s products offer the ideal combination of price, range, data rate, security, interference
avoidance, quality-of-service, and a simple plug and play set up with minimal user programming
required.
With non line-of-site capabilities, these radios can easily penetrate indoors up to 1,500’ or through
10 building walls and supports industrial-grade temperature ranges. The system configuration can
include up to 12 access points – each on its own non-overlapping channel (up to 192 subscriber units
across a given site with 16 active clients per access point). These products are an ideal replacement
for modest data rate installations where 802.11 systems are under-performing or failing completely
due to insufficient range or excessive interference.
Features
Screen Captures:
Web Browser based
Management Tools
AW900iTR, AW900iTR-PAIR
Product Brief
www.avalanwireless.com
Corporate headquarters
:: (866) 533.6216
Technical support
:: (650) 384.0000
•1.5 Mbps Data Rate
•High RF output power provides maximum foliage and/or
wall penetration
- Indoor range, up to 10 building walls
- Line-of-sight range up to 40 miles with 15 dBi antenna
•128 bit AES encryption, FIPS 197 - NIST Certified
•Built-in spectrum analyzer
•Radio can be configured as an access point or client
- Install up to 16 clients per access point
- 12 Non-overlapping channels
•Does not require an FCC license to operate or install
Indoor point-to-multipoint
wireless Ethernet system
Application Example:


Similar Part No. - AW900ITR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AW900ITR L-COM-AW900ITR Datasheet
675Kb / 2P
900 MHz Indoor Wireless Ethernet Radio
06.18.2013
AW900ITR-PAIR L-COM-AW900ITR-PAIR Datasheet
675Kb / 2P
900 MHz Indoor Wireless Ethernet Radio
06.18.2013
More results

Similar Description - AW900ITR

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20017 ERICSSON-PTB20017 Datasheet
44Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20038 ERICSSON-PTB20038 Datasheet
44Kb / 2P
25 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20053 ERICSSON-PTB20053 Datasheet
46Kb / 3P
60 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20111 ERICSSON-PTB20111 Datasheet
47Kb / 3P
85 Watts, 860-900 MHz Cellular Radio RF Power Transistor
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
Red Lion Controls. Inc
702-W REDLION-702-W Datasheet
1Mb / 6P
Industrial Wireless Radio
702M12-W REDLION-702M12-W Datasheet
2Mb / 6P
Industrial Wireless Radio
logo
Murata Manufacturing Co...
LG90E MURATA-LG90E Datasheet
1Mb / 6P
900 MHz FHSS DNT90/Ethernet Gateway
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com