Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CELLX Datasheet(PDF) 10 Page - Coherent Corp

Part # CELLX
Description  The Universal Light Engine for Free-Space Applications, Flow Cytometry, and Microscopy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CELLX Datasheet(HTML) 10 Page - Coherent Corp

Back Button CELLX Datasheet HTML 6Page - Coherent Corp CELLX Datasheet HTML 7Page - Coherent Corp CELLX Datasheet HTML 8Page - Coherent Corp CELLX Datasheet HTML 9Page - Coherent Corp CELLX Datasheet HTML 10Page - Coherent Corp CELLX Datasheet HTML 11Page - Coherent Corp CELLX Datasheet HTML 12Page - Coherent Corp CELLX Datasheet HTML 13Page - Coherent Corp CELLX Datasheet HTML 14Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
CellX
Name
Part Number
Description
CellX Objective Lens,
OL15-UV, 15 μm Focus
1383130
OBIS CellX Objective Lens to create a focus of 15 x 90 μm
at a distance of 60.9 mm
CellX Translation Stage with
Mount for Objective Lens
1321964
Mount and Stage to translate the OBIS CellX Objective Lens
to optimize the focus location
CellX Heatsink, Fan Cooled
with Platform Extension
1323285
OBIS CellX Heatsink with cooling fans and platform
extension for Objective Lens stage
CellX Heatsink, OEM
1315322
OBIS CellX compact heatsink, OEM version. Requires hole
in mounting plate to allow heatsink to protrude through the
optics deck and requires that the OEM provide air flow.
Accessories for Flow Cytometry and Particle Measuring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com