Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CELLX Datasheet(PDF) 13 Page - Coherent Corp

Part # CELLX
Description  The Universal Light Engine for Free-Space Applications, Flow Cytometry, and Microscopy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CELLX Datasheet(HTML) 13 Page - Coherent Corp

Back Button CELLX Datasheet HTML 7Page - Coherent Corp CELLX Datasheet HTML 8Page - Coherent Corp CELLX Datasheet HTML 9Page - Coherent Corp CELLX Datasheet HTML 10Page - Coherent Corp CELLX Datasheet HTML 11Page - Coherent Corp CELLX Datasheet HTML 12Page - Coherent Corp CELLX Datasheet HTML 13Page - Coherent Corp CELLX Datasheet HTML 14Page - Coherent Corp CELLX Datasheet HTML 15Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
CellX
Part Number
Laser
2309585
CellX FR Laser 4x100 mW 405 nm, 488 nm, 651 nm, 637 nm, Fiber Ready, Fiber/Launcher for Collimated Output
2309912
CellX FR Laser 4x100 mW 405 nm, 488 nm, 651 nm, 637 nm, Fiber Ready, Fiber/Launcher for FC/APC Output
Part Number
Accessory
1321203
Accessory Kit for CellX (Alignment Tools, Interlock Plug, USB Cable, Coherent Connection, User Manual)
2324764
Heatsink, Fan-Cooled with No Stage Platform Extension, CellX
1315322
Heatsink, OEM, CellX
1299911
Accessory, Control Board, Adjustable Power, CellX
1298365
Accessory, Control Board, Key-Switch, RS-232, Digital/Analog SMB, CellX
1313160
Accessory, Interlock Plug, DB37, CellX
1323597
Accessory, Control Board, 4 Analog Modulation Inputs, RS-232
1211389
Power Supply, CellX
For Microscopy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com