Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2003
Description  PI2003_V01
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2003 Datasheet HTML 1Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Defining the Quality of Power Through Innovation
picorpower.com
Rev 1.1 08/08
800-735-6200
Cool-ORing™ Series
Universal Low-Side Active ORing Controller, PI2003
Optimized for - 48 V ORing applications
Fast Dynamic Response to Power Source failures,
with 160 ns reverse current turn-off delay time
4 A gate discharge current
Accurate MOSFET drain - to - source voltage sensing
to indicate system level fault conditions
Low quiescent current enables biasing directly
from - 48 V (GND)
100 V for 100 ms operation in low side applications
Active low fault flag output
The PI2003 Cool-ORing™ solution is a universal high-speed
Active ORing controller IC designed for use with N-channel MOSFETs
and is optimized for -48V redundant power system architectures.
The PI2003 Cool-ORing controller enables an extremely low
power loss solution with fast dynamic response to fault
conditions, critical for high availability systems. The PI2003 controls
single or parallel MOSFETs to address Active ORing applications
protecting against power source failures. The PI2003 is optimized for
low-side -48V Active ORing applications. An internal VC shunt
regulator enables biasing of the controller directly from -48 V (GND).
The gate drive output turns the MOSFET on in normal steady state
operation, while achieving high speed turn-off during input power
source fault conditions, that cause reverse current flow, with
auto-reset once the fault clears. The MOSFET drain-to-source
voltage is monitored to detect normal forward, excessive forward,
light load and reverse current flow. The PI2003 provides an active low
fault flag output to the system during excessive forward current,
reverse current, light load and VC under-voltage.
Low-side -48 V bus Active ORing
N+1 Redundant Power Systems
Servers & High End Computing
Telecom Systems
High current Active ORing
Product Description
Applications
PI2003 Features
PI2003
Part Numbering
Typical Application
3 mm x 3 mm
10-Lead
TDFN
5 mm x 6 mm
8-Lead
SOIC
Low-side Active ORing
Return
PI2003
FT
VC
SN
GATE SP GND
–Vin1
PI2003
FT
VC
SN
GATE SP GND
–Vin2
Part Number
Package
Target
Bias
MOSFET Gate
MOSFET Gate
Turn-off
Shipment
Application
Supply
Drive Voltage
Discharge Current
Delay Time
Packaging
PI2003-00-QEIG
3mm x 3mm
Universal
Internal
Tape
10 Lead TDFN
Low-Side
VC Clamp
VC – 0.25 V
4 A (typ)
160 ns (typ.)
and
PI2003-00-SOIG
8 Lead
Active ORing
10 V – 12 V
Reel
SOIC
Up to 100 V
Evaluation Boards
PI2003-EVAL1
PI2003 Evaluation Board using 3 mm x 3 mm TDFN package and 100V SO-8 MOSFET in low-side configuration.


Similar Part No. - PI2003

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
PI2003-00-QEIG VICOR-PI2003-00-QEIG Datasheet
605Kb / 16P
Universal Active ORing Controller IC
PI2003-00-SOIG VICOR-PI2003-00-SOIG Datasheet
605Kb / 16P
Universal Active ORing Controller IC
PI2003-EVAL1 VICOR-PI2003-EVAL1 Datasheet
554Kb / 8P
PI2003-EVAL1 Active ORing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com