Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E25A2CS Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # E25A2CS
Description  ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

E25A2CS Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  E25A2CS Datasheet HTML 1Page - KEC(Korea Electronics) E25A2CS Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 12. 10
2/2
E25A2CS, E25A2CR
Revision No : 0
I
- V
F
FORWARD VOLTAGE V
(V)
0.7
1000
1
10
FF
0.8
0.9
1
1.1
1.2
100
AMBIENT TEMPERATURE Ta ( C)
20
0
0
10
40
30
160
80
120
I
- Ta
F(AV)
40
Ta=Tc



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com