Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E25A2CS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # E25A2CS
Description  ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

E25A2CS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  E25A2CS Datasheet HTML 1Page - KEC(Korea Electronics) E25A2CS Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 12. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
E25A2CS, E25A2CR
STACK SILICON DIFFUSED DIODE
Revision No : 0
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
FEATURES
Average Forward Current : IF(AV)=25A.
Repetitive Peak Reverse Voltage : VRRM=200V.
POLARITY
E25A2CS (+ Type)
E25A2CR (- Type)
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A1
A2
A3
B1
D3
D2
B2
C1
C2
D1
2.0 0.3
1.9 0.3
8.5 0.3
E
10.0 0.3
13.5 0.3
24.0 0.5
10.0 0.3
5.0 0.3
2.5 0.3
5.0 0.3
4.5 0.3
9.0 0.3
1.0 0.3
4.4 0.5
0.6 0.3
DIM
MILLIMETERS
F
G
H
T
A3
A2
A1
D3
EF
G
MR
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=100A
-
-
1.30
V
Reverse Voltage
VR
IR=5mA
200
-
-
V
Repetitive Peak Reverse Current
IRRM
VRRM=200V
-
-
50
A
Reverse Recovery Time
trr
IF=0.1A, IR=0.1A
-
-
15
S
Thermal Resistance
Rth(j-c)
DC total junction to case
-
-
1.0
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
Average Forward Current
IF(AV)
25
A
Peak 1 Cycle Surge Current
IFSM
250 (60Hz)
A
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-40
150


Similar Part No. - E25A2CS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E25A2CS KEC-E25A2CS_15 Datasheet
448Kb / 2P
STACK SILICON DIFFUSED DIODE
More results

Similar Description - E25A2CS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E30A2CDS KEC-E30A2CDS Datasheet
373Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CS KEC-E30A2CS Datasheet
387Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A27VBS KEC-E35A27VBS Datasheet
193Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A21VBS KEC-E50A21VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A37VBS KEC-E50A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
logo
Crystek Corporation
E35A27VBCS CRYSTEKCRYSTAL-E35A27VBCS Datasheet
348Kb / 1P
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
logo
Sanken electric
SG-17NNJ23S SANKEN-SG-17NNJ23S Datasheet
268Kb / 8P
Automotive Alternator Diode
SG-C17LXZ27S SANKEN-SG-C17LXZ27S Datasheet
338Kb / 14P
Automotive Alternator Diode
SG-C17VLZ SANKEN-SG-C17VLZ Datasheet
268Kb / 8P
Automotive Alternator Diode
SG-C17VLZ40 SANKEN-SG-C17VLZ40 Datasheet
269Kb / 8P
Automotive Alternator Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com