Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4033 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N4033
Description  GENERAL PURPOSE AMPLIFIER AND SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N4033 Datasheet(HTML) 1 Page - STMicroelectronics

  2N4033 Datasheet HTML 1Page - STMicroelectronics 2N4033 Datasheet HTML 2Page - STMicroelectronics 2N4033 Datasheet HTML 3Page - STMicroelectronics 2N4033 Datasheet HTML 4Page - STMicroelectronics 2N4033 Datasheet HTML 5Page - STMicroelectronics 2N4033 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N4033
GENERAL PURPOSE AMPLIFIER AND SWITCH
DESCRIPTION
The 2N4033 is a silicon planar epitaxial PNP
transistors in Jedec TO-39 metal case primary
intended for large signal, low noise industrial
applications.
INTERNAL SCHEMATIC DIAGRAM
November 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collect or-Base Voltage (IE =0)
-80
V
VCEO
Collect or-Emitt er Voltage (IB =0)
-80
V
VEBO
Emitt er-Base Voltage (IC =0)
-5
V
IC
Collect or Current
-1
A
Ptot
Total Dissipation at Tamb
≤ 45 oC
at Tcase
≤ 45 oC
0.8
4
W
W
Tstg
St orage Temperature
-55 t o 200
oC
Tj
Max. Operating Junction Temperature
200
oC
TO-39
1/6


Similar Part No. - 2N4033

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
Type 2N4033 Geometry 6700 Polarity PNP
logo
Siemens Semiconductor G...
2N4033 SIEMENS-2N4033 Datasheet
139Kb / 5P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4033 BOCA-2N4033 Datasheet
52Kb / 2P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
PNP BIPOLAR TRANSISTOR
More results

Similar Description - 2N4033

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2222 NJSEMI-2N2222 Datasheet
130Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N3108 NJSEMI-2N3108 Datasheet
123Kb / 1P
GENERAL PURPOSE AMPLIFIER AND SWITCH
2N3904 NJSEMI-2N3904 Datasheet
174Kb / 2P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N3946 NJSEMI-2N3946 Datasheet
138Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N4124 NJSEMI-2N4124 Datasheet
114Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N4140 NJSEMI-2N4140 Datasheet
118Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N4141 NJSEMI-2N4141 Datasheet
119Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N4403 NJSEMI-2N4403 Datasheet
137Kb / 1P
PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N4963 NJSEMI-2N4963 Datasheet
121Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com