Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4033 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N4033
Description  GENERAL PURPOSE AMPLIFIER AND SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N4033 Datasheet(HTML) 2 Page - STMicroelectronics

  2N4033 Datasheet HTML 1Page - STMicroelectronics 2N4033 Datasheet HTML 2Page - STMicroelectronics 2N4033 Datasheet HTML 3Page - STMicroelectronics 2N4033 Datasheet HTML 4Page - STMicroelectronics 2N4033 Datasheet HTML 5Page - STMicroelectronics 2N4033 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
44
218
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCE =-60 V
VCE =-60 V
Tamb =150
oC
-50
-50
nA
µA
V( BR)CBO
∗ Collector-Base
Breakdown Volt age
(IE =0)
IC =-10
µA-80
V
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-10 mA
-80
V
V(BR)EBO
∗ Emitter-Base
Breakdown Volt age
(IC =0)
IE =-10
µA-5
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-150 mA
IB =-15 mA
IC =-500 mA
IB =-50 mA
-0.15
-0.5
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =-150 mA
IB =-15 mA
IC =-500 mA
IB =-50 mA
-0.9
-1.1
V
V
hFE
DC Current G ain
IC =-100
µAVCE =-5 V
IC =-100 mA
VCE =-5 V
IC =-500 mA
VCE =-5 V
IC =-1 A
VCE =-5 V
IC =-100 mA
VCE =-5 V
Tamb =-55
oC
75
100
70
25
40
300
fT
Transit ion F requency
IC =-50 mA
VCE = -10 V
f = 100 MHz
150
500
MHz
CEBO
Emitt er Base
Capacitance
IE =0
VEB = -0.5 V
f = 1MHz
110
pF
CCBO
Collect or Base
Capacitance
IE =0
VCB =-10 V
f = 1MHz
20
pF
ts
∗∗
St orage Time
IC =-500 mA
VCE =-30 V
IB1 =-IB2 =-50 mA
350
ns
tf
∗∗
Fall T ime
IC =-500 mA
VCE =-30 V
IB1 =-IB2 =-50 mA
50
ns
ton
∗∗
Turn-on T ime
IC =-500 mA
VCE =-30 V
IB1 =-IB2 =-50 mA
100
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1%
∗∗ See Test Circuit
2N4033
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com