Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2017 Datasheet(PDF) 3 Page - Synology Inc.

Part # FS2017
Description  FlashStation FS2017
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS2017 Datasheet(HTML) 3 Page - Synology Inc.

  FS2017 Datasheet HTML 1Page - Synology Inc. FS2017 Datasheet HTML 2Page - Synology Inc. FS2017 Datasheet HTML 3Page - Synology Inc. FS2017 Datasheet HTML 4Page - Synology Inc. FS2017 Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hardware Overview
Technical Specifications
Hardware
CPU
Intel Xeon D-1541 8-core 2.1GHz, burst up to 2.7GHz
Hardware encryption engine
Yes (AES-NI)
Memory
16 GB DDR4 ECC RDIMM, expandable up to 128 GB
Compatible drive type
24 x 2.5" SAS SSD / HDD or SATA SSD
External ports
• 2 x USB 3.0 port
• 1 x Expansion port
Size (HxWxD)
• 88 x 430.5 x 692 mm
• 88 x 482 x 724 mm (with server ears)
• 2RU
Weight
14.9 kg
LAN
• 2 x 10GbE (10GBase-T)
• 4 x 1GbE RJ45
PCIe 3.0 slot
• x8 slot x 1 (8-lane)
• 10GbE / 25GbE / 40GbE network interface cards support
Scheduled power on / off
Yes
System fan
4 (80 x 80 x 32 mm)
AC input power voltage
100V to 240V AC
Power frequency
50 to 60Hz, single phase
Operating temperature
5°C to 35°C (40°F - 95°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
Maximum operating altitude
5,000 m (16,400 ft)
General
Networking protocol
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN ™, L2TP)
File system
• Internal: Btrfs, ext4
• External: Btrfs, ext4, ext3, FAT, NTFS, HFS+, exFAT2
Storage management
• Maximum single volume size: 200TB (RAID 5 or RAID 6 groups only)
• Maximum internal volumes: 1,024
• Maximum iSCSI Targets: 128
• Maximum iSCSI LUNs: 512
• iSCSI LUN clone / snapshot support
Supported RAID type
Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID 6, RAID 10, RAID F1
File sharing capability
• Maximum user account: 16,000
• Maximum user group: 512
• Maximum shared folder: 512
• Maximum concurrent CIFS / AFP / FTP connections: 4,096
Privilege
Windows Access Control List (ACL)
1
Power button and indicator
2
Beep off button
3
Drive tray
4
Drive status indicator
5
Power Port
6
PSU indicator
7
PSU fan
8
Console port
9
1GbE RJ-45 port
10
10GbE RJ-45 port
11
USB 3.0 port
12
PCIe 3.0 slot
13
Expansion port
14
Reset button
Front
4
12
3
Rear
5
6
7
9
11
14
8
10
13
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com