Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2017 Datasheet(PDF) 1 Page - Synology Inc.

Part # FS2017
Description  FlashStation FS2017
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS2017 Datasheet(HTML) 1 Page - Synology Inc.

  FS2017 Datasheet HTML 1Page - Synology Inc. FS2017 Datasheet HTML 2Page - Synology Inc. FS2017 Datasheet HTML 3Page - Synology Inc. FS2017 Datasheet HTML 4Page - Synology Inc. FS2017 Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed for I/O-intensive and latency sensitive environments, Synology FlashStation FS2017 provides
reliable, high performance all-flash storage solution with comprehensive business applications for
enterprise users. Synology FlashStation FS2017 simplifies data management and optimizes virtualization
environments, providing lightning-fast storage. Synology FS2017 is backed by Synology’s 5-year limited
warranty.
FlashStation
FS2017
Highlights
• 90K 4K Random Write IOPS1, high
performance with low latency
• Intel Xeon 8-core CPU and 16GB DDR4
ECC RDIMM, expandable up to 128GB
• Dual onboard 10GBase-T ports, capable
of installing optional 10GbE / 25GbE /
40GbE NICs
• Complete virtualization solution for
VMware, Windows Hyper-V, Citrix and
OpenStack
• Advanced Btrfs file system offering
65,000 system-wide snapshots and
1,024 snapshots per shared folder
• Scale up to 72 drives with 2 x Synology
Expansion Unit RX2417sas
• Backed by Synology’s 5-year limited
warranty & Synology Replacement
Service (SRS)
Astonishing Performance
Powered by an Intel Xeon D-1541 eight-core processor and 16GB DDR4 ECC
RDIMM (up to 128GB), Synology FS2017 delivers over 90K 4K Random Write
IOPS1, making it ideal for video post-production, mail server, virtualization and
database solutions, which require low-latency and ultra-high performance.
FS2017 comes with dual 10GBase-T ports and supports optional 10GbE / 25GbE
/ 40GbE network interface cards, allowing flexible, high-performance network
configurations.
Cost Effective Unified Storage
Synology FS2017 is compatible with major SAS / SATA SSD brands to avoid vendor
lock-in. FS2017 is also a unified storage server supporting iSCSI protocol and file
sharing services, which provides the cost savings and simplicity of consolidating
storage over an existing network while providing the flexibility required by virtual
server environments. In addition to the internal 24 drive bays, FS2017 supports up
to two Synology RX2417sas expansion units to provide a total of 72 2.5" drive bays
for scalability.
Virtualization Ready
FS2017 provides seamless storage solutions for virtualization environments,
including VMware, Citrix, Hyper-V, and OpenStack. With VMware vSphere 6
and VAAI integration certified, FS2017 helps offload specific storage operations
and optimizes computing power for unparalleled performance and efficiency in
VMware environments. Windows Offloaded Data Transfer (ODX) and Synology
Advanced LUN support greatly improves the efficiency on massive data transfer
and migration. With OpenStack support, FS2017 can be used as a block-based
storage component for servers complying with the Cinder API.


Similar Part No. - FS2017

ManufacturerPart #DatasheetDescription
logo
ABB
FS201 ABB-FS201 Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
logo
Integrated Device Techn...
FS2012 IDT-FS2012 Datasheet
397Kb / 9P
High Performance Flow Sensor Module
logo
Renesas Technology Corp
FS2012 RENESAS-FS2012 Datasheet
512Kb / 10P
High Performance Flow Sensor Module
logo
Integrated Device Techn...
FS2012-1001-LQ IDT-FS2012-1001-LQ Datasheet
397Kb / 9P
High Performance Flow Sensor Module
logo
Renesas Technology Corp
FS2012-1001-LQ RENESAS-FS2012-1001-LQ Datasheet
512Kb / 10P
High Performance Flow Sensor Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com