Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3017 Datasheet(PDF) 4 Page - Synology Inc.

Part # FS3017
Description  FlashStation FS3017
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS3017 Datasheet(HTML) 4 Page - Synology Inc.

  FS3017 Datasheet HTML 1Page - Synology Inc. FS3017 Datasheet HTML 2Page - Synology Inc. FS3017 Datasheet HTML 3Page - Synology Inc. FS3017 Datasheet HTML 4Page - Synology Inc. FS3017 Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Security
FTP over SSL / TLS, IP auto-block, firewall, encrypted network backup over Rsync, HTTPS connection
Utilities
Synology Web Assistant, Cloud Station Drive, Cloud Station Backup, Cloud Sync Decryption Tool, Evidence Integrity Authenticator, Snapshot
Manager for VMware, Snapshot Manager for Windows, NFS Plug-in for VMware VAAI
Supported clients
Windows 7 onward, Mac OS X
® 10.10 onward
Supported browsers
Chrome
®, Firefox®, Internet Explorer® 9 onwards, Safari® 8 onwards; Safari (iOS 7 onwards), Chrome (Android™ 4.0 onwards) on tablets
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Applications
File Station
Virtual drive, remote folder, Windows ACL editor, compress / extract archived files, bandwidth control for specific users or groups, creating
sharing links, transfer logs
Backup solutions
Network backup; local backup; desktop backup; configuration backup; OS X Time Machine; backup data to public cloud; shared folder sync -
maximum task number: 32
FTP Server
Bandwidth control for TCP connections, custom FTP passive port range, anonymous FTP, FTP SSL / TLS and SFTP protocol, boot over the
network with TFTP and PXE support, transfer logs
High Availability Manager
Combines two FS3017 into one high-availability cluster
Security Advisor
Malware detection / removal, user account / password, network, system-related security scan
iOS / Android™ applications
DS cloud, DS file, DS finder, DS cam, DS note, MailPlus
Windows Phone® applications
DS file, DS finder
Add-on Packages
Antivirus Essential
Full system scan, scheduled scan, white list customization, virus definition auto update
Cloud Station Suite
Maximum concurrent file transfers: 16,000, retain historical and deleted file versions
Cloud Sync
One or two-way synchronization with public cloud storage providers including Amazon Cloud Drive, Amazon S3-compatible storage,
Baiduyun, Box, Dropbox, Google Cloud Storage, Google Drive, hubiC, Megafon Disk, Microsoft OneDrive, OpenStack Swift-compatible
storage, WebDAV servers, Yandex Disk
Log Center
SSL connection, log rotation: 6 months, 1 year, 2 years, 3 years, email notification
MailPlus
Intuitive webmail interface for MailPlus Server; customizable mail labels, filters and user interface
MailPlus Server
Secure, reliable, and private mail solution with High-availability, load balancing, security and filtering design (Includes 5 free email account
licenses, additional accounts require the purchasing of additional licenses)
Note Station
Rich-text note organization and versioning, encryption, sharing, media embedding and attachments
Storage Analyzer
Volume and quota usage, total size of files, volume usage and trends based on past usage, size of shared folders, largest / most / least
frequently modified files
Surveillance Station
Maximum IP camera: 100 (total of 3,000 FPS at 720p, H.264) (Includes two free camera licenses, additional cameras require the purchasing of
additional licenses)
VPN Server
Maximum connections: 30; supported VPN protocol: PPTP, OpenVPN™, L2TP
Web Station
Virtual host (up to 30 websites), PHP / MariaDB®, 3rd-party applications support
Other packages
Additional 3rd-party packages are available on Package Center
Environment and Packaging
Environment safety
RoHS compliant
Package content
• FS3017 main unit
• Quick Installation Guide
• Accessory pack
• 2 x AC power cord
Optional accessories
• 16GB / 32GB DDR4-2133 ECC RDIMM (RAMRG2133DDR4-16G / RAMRG2133DDR4-32G)
• Synology E10G17-F2 / E10G15-F1 10Gbps Ethernet adapters
• Synology FS3017 Expansion Card for Expansion Unit RX2417sas support4
• Synology Expansion Unit RX2417sas
• Synology RKS1317-Rail Kit Sliding
• Synology Surveillance Video Decoder VS360HD
• Surveillance Device License Pack
• MailPlus License Pack
Warranty
5 years5
*Model specifications are subject to change without notice. Please refer to www.synology.com for the latest information.
1. Performance figures may vary depending on environment, usage and configuration.
2. iSCSI over RDMA support vary depending on the NICs installed. Please refer to www.synology.com for the latest NIC compatibilty list.
3. exFAT Access is purchased separately in Package Center
4. FS3017 supports up to 2 Synology Expansion Unit RX2417sas when the optional FS3017 Expansion Card is installed.
5. The warranty period starts from the purchase date as stated on your purchase receipt. Visit https://www.synology.com/company/legal/warranty for more information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com