Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3017 Datasheet(PDF) 1 Page - Synology Inc.

Part # FS3017
Description  FlashStation FS3017
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS3017 Datasheet(HTML) 1 Page - Synology Inc.

  FS3017 Datasheet HTML 1Page - Synology Inc. FS3017 Datasheet HTML 2Page - Synology Inc. FS3017 Datasheet HTML 3Page - Synology Inc. FS3017 Datasheet HTML 4Page - Synology Inc. FS3017 Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed for lightning-fast computing environments, Synology FlashStation FS3017 is a highly reliable,
cost-efficient, and ultra-high performance all-flash storage solution with comprehensive business
applications for enterprise users. Synology FlashStation FS3017 simplifies data management and optimizes
virtualization environments, with minimal time investment in setup and maintenance. Synology FS3017 is
backed with Synology’s 5-year limited warranty.
FlashStation
FS3017
Highlights
• 200,000 4K Random Write IOPS1, ultra-
high performance with low latency
• Dual Intel Xeon 6-core CPU and 64GB
DDR4 ECC RDIMM, expandable up to
512GB
• Dual onboard 10GBase-T ports, capable
of installing optional 10GbE / 25GbE /
40GbE NICs with iSCSI over RDMA
• Complete virtualization solution for
VMware, Windows Hyper-V, Citrix and
Openstack
• Advanced Btrfs file system offering
65,000 system-wide snapshots and
1,024 snapshots per shared folder
• Scale up to 72 drives with 2 x Synology
Expansion Unit RX2417sas4
• Backed with Synology’s 5-year limited
warranty & Synology Replacement
Service (SRS)
Astonishing Performance
Powered by two Intel Xeon E5-2620 six-core CPUs and 64GB DDR4 ECC RDIMM
(up to 512GB), Synology FS3017 delivers over 200,000 4K Random Write IOPS1,
making it ideal for video post-productions, mail server, virtualization and database
applications, which require ultra-high performance and low latency.
FS3017 comes with dual 10GBase-T ports and supports optional 10GbE /
25GbE / 40GbE network interface cards, allowing more flexibilities for network
configurations. Network performance is further enhanced with iSCSI over RDMA2
and Non-Uniform Memory Access (NUMA) integration.
Cost Effective Unified Storage
Synology FS3017 is compatible to major SAS / SATA SSD brands to avoid vendor
lock-in. FS3017 is also a unified storage server supporting iSCSI protocol and file
sharing services, which provides the cost savings and simplicity of consolidating
storage over an existing network while providing the flexibility required by virtual
server environments. In addition to the internal 24 drive bays, FS3017 supports up
to two Synology Expansion Unit RX2417sas4 to provide a total of 72 2.5" drive bays
for flexible storage management.
Virtualization Ready
FS3017 provides seamless storage solutions for virtualization environments,
including VMware, Citrix, Hyper-V, and OpenStack. With VMware vSphere 6
and VAAI integration certified, FS3017 helps offload specific storage operations
and optimizes computing power for unparalleled performance and efficiency in
VMware environments. Windows Offloaded Data Transfer (ODX) and Synology
Advanced LUN support greatly improves the efficiency on massive data transfer
and migration. With OpenStack support, FS3017 can be used as a block-based
storage component for servers complying with the Cinder API.


Similar Part No. - FS3017

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS30 XPPOWER-FS30 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS30/FS30CT XPPOWER-FS30/FS30CT Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Littelfuse
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
logo
Renesas Technology Corp
FS3000 RENESAS-FS3000 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
FS3000-1005 RENESAS-FS3000-1005 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com