Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3C91 Datasheet(PDF) 2 Page - TT Electronics.

Part # 3C91
Description  Hi-Reliability Optically Coupled Isolator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

3C91 Datasheet(HTML) 2 Page - TT Electronics.

  3C91 Datasheet HTML 1Page - TT Electronics. 3C91 Datasheet HTML 2Page - TT Electronics. 3C91 Datasheet HTML 3Page - TT Electronics. 3C91 Datasheet HTML 4Page - TT Electronics. 3C91 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C (TX), 3N243, 3N244, 3N245
(TX), 3N262
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 2
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Operating Temperature Range
-55
o C to +125o C
Storage Temperature Range
-65
o C to +150o C
Input to Output Isolation Voltage
± 1 kVDC
(1)
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(2)
Input Diode
Forward DC Current
40 mA
Reverse Voltage
2.0 V
Power Dissipation
60 mW
(3)
Output Phototransistor
Continuous Collector Current
30 mA
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5.0 V
Power Dissipation
200 mW
(4)
Electrical Specifications
Notes:
1. Measured with input leads shorted together and output leads shorted together.
2. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 2.0 mW/° C above 25° C.
4. Derate linearly 0.60 mW/° C above 65° C.
IC(ON) vs TA
0.0
0.5
1.0
1.5
2.0
2.5
-55
-35
-15
+5
+25
+45
+65
+85
+105
+125
+135
TA (°C)
IF = 20mA
IF = 50mA
Normalized @ 20 mA and 25° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com