Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3C91 Datasheet(PDF) 3 Page - TT Electronics.

Part # 3C91
Description  Hi-Reliability Optically Coupled Isolator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

3C91 Datasheet(HTML) 3 Page - TT Electronics.

  3C91 Datasheet HTML 1Page - TT Electronics. 3C91 Datasheet HTML 2Page - TT Electronics. 3C91 Datasheet HTML 3Page - TT Electronics. 3C91 Datasheet HTML 4Page - TT Electronics. 3C91 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C (TX), 3N243, 3N244, 3N245
(TX), 3N262
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 3
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
3C91C, 3C92C (TX)
3C91C, 3C92C (TX)
3N243, 3N244, 3N245 (TX)
3N243, 3N244, 3N245 (TX)
3N243, 3N244, 3N245 (TX)
3N262
3N262
3N262
-
-
0.8
1.0
0.7
0.8
1.0
0.7
-
-
-
-
-
-
-
-
1.2
1.5
1.3
1.5
1.2
1.5
1.7
1.3
V
IF = 2 mA
IF = 50 mA
IF = 10 mA
IF = 10 mA, TA = -55° C
IF = 10 mA, TA = -100° C
IF = 10 mA
IF = 10 mA, TA = -55° C
IF = 10 mA, TA = -100° C
VR
Reverse Voltage
3C91C, 3C92C (TX)
7
-
-
V
IR = 0.1 mA
IR
Reverse Current
3C91C, 3C92C (TX)
3N243, 3N244, 3N245 (TX)
3N262
-
-
-
-
-
-
1
100
100
µA
VR= 3.0 V
VR= 2.0 V
VR= 2.0 V
CIN
Diode Capacitance
3C91C, 3C92C (TX)
-
25
-
pF
V = 0, f = 1 MHz
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
3C91C, 3C92C (TX)
3N243, 3N244, 3N245 (TX)
3N262
50
30
40
-
-
-
-
-
-
V
IC = 10.0 mA
IC = 1.0 mA
IC = 1.0 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
3C91C, 3C92C (TX)
3N243, 3N244, 3N245 (TX)
3N262
7
5
7
-
-
-
-
-
-
V
IC = 10 µA
IE = 100 µA
IE = 100 µA
ICEO
Collector Dark Current
3C91C, 3C92C (TX)
3C91C, 3C92C (TX)
3N243, 3N244, 3N245 (TX)
3N243, 3N244, 3N245 (TX)
3N262
3N262
-
-
-
-
-
-
-
-
-
-
-
-
10
50
100
100
100
100
nA
nA
nA
µA
µA
µA
VCE = 5 V
VCE = 50 V
VCE = 10.0 V
VCE = 10.0 V, TA = 100° C
VCE = 10.0 V
VCE = 10.0 V, TA = 100° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com