Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT4X Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 4Page - Sensirion AG Switzerland SHT4X Datasheet HTML 5Page - Sensirion AG Switzerland SHT4X Datasheet HTML 6Page - Sensirion AG Switzerland SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland SHT4X Datasheet HTML 10Page - Sensirion AG Switzerland SHT4X Datasheet HTML 11Page - Sensirion AG Switzerland SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
8 / 24
2.4 ISO17025 certification with 3-point calibration data
All SHT43 can be uniquely identified by their serial number (read out command see paragraph 4.7). For each
sensor an individual 3-point calibration is performed, accredited to ISO/IEC 17025:2017. The accreditation is
performed and granted by the Swiss Accreditation Service (SAS), a public institution of the Swiss
Government. The accreditation is documented on the SAS website under the name SCS 0158 and can be
downloaded from this link14. The three calibration temperatures are T = −30 °C, T = 5 °C, and T = 70 °C.
Measurement uncertainties and decision rules according to the SAS are given in Table 3. Metrological
traceability of the calibration is in accordance to ch. 6.5 of ISO/IEC 17025:2017, encompassing but not limited
to NIST traceability or traceability to other national metrology institutes, according to the CIPM Mutual
Recognition Arrangement (CIPM MRA). Reel-wise calibration certificates and data for each SHT43 can be
downloaded from libellus.sensirion.com. This allows for efficient processing by automated systems.
Temperature
Expanded measurement uncertainty (k=2)*
Decision rule
−30 °C
0.40 °C
Shared risk (JCGM 106:2012, 8.2)
5 °C
0.20 °C
Shared risk (JCGM 106:2012, 8.2)
70 °C
0.20 °C
Shared risk (JCGM 106:2012, 8.2)
Table 3. Measurement uncertainty and decision rule for the accredited calibration according to Swiss
Accreditation Service (SAS). *Measurement uncertainties represent a confidence level of 95% using a
coverage factor of k = 2.
For more information on how Sensirion being the first ISO17025 certified Semiconductor company affects
the design of certified tracking find the document Sensirion Certified Smart Tracking on our website
www.sensirion.com.
2.5 Design In
The above-mentioned specifications hold for the stand-alone sensing element. To achieve the best
performance please consult the Design-in guide SHT [1] on our website Sensirion.com.
14
https://www.sas.admin.ch/sas/en/home/akkreditiertestellen/akkrstellensuchesas.exturl.html/aHR0cHM6Ly9zYXNkYi5jbGllbnRzLmxpaXAuY2gvc2VhcmNoL
m/h0bWw=.html?csrfmiddlewaretoken=2Ie2f1aOTUge9YQ3nuaL0ILEYS980ZMdH60doLdY8Nh1sHC3wpw3YvLLVBezmDRn&lang=en&search_term=0158&a
ccreditation_type=2&submit=Start+search



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com