Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT4X Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland SHT4X Datasheet HTML 14Page - Sensirion AG Switzerland SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland SHT4X Datasheet HTML 16Page - Sensirion AG Switzerland SHT4X Datasheet HTML 17Page - Sensirion AG Switzerland SHT4X Datasheet HTML 18Page - Sensirion AG Switzerland SHT4X Datasheet HTML 19Page - Sensirion AG Switzerland SHT4X Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
16 / 24
5.3 Land Pattern
The land pattern is recommended to be designed according to the used PCB and soldering process together
with the physical outer dimensions of the sensor. For reference, the land pattern used with Sensirion’s PCBs
and soldering processes is given in Figure 17. Soldering of the central die pad, as well as an exposed copper
pad underneath it, is not recommended by Sensirion due to it acting as a heat sink which prevents the heater
from functioning according to its specifications.
Figure 17. Recommended land pattern (in mm). Details can vary and depend on used PCBs and solder
processes. There shall be no copper under the sensor other than at the pin pads.
5.4 Pin Assignment & Laser Marking
Pin
Name
Comments
1
SDA
Serial data, bidirectional
2
SCL
Serial clock, unidirectional input
3
VDD
Supply voltage
4
VSS
Ground
Figure 18. Pin assignment (transparent top view). Dashed lines are only visible if the sensor is viewed from
below. The die pad is not directly connected to any pin.
The laser marking consists of two lines, indicated in Figure 18.In the first line a filled circle serves as pin-1
indicator and is followed by “SH4”. The last character will indicate the accuracy class of this product (here
“x” serves as place holder). In the second line, the first three characters specify the product characteristics
according to positions 7, 8 and 9 of Table 11. The second three characters serve as internal batch tracking
code.15
15
Please note, there will be no change in the laser marking for the protective option (filter membrane and protective cover).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com