Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCN21 Datasheet(PDF) 1 Page - TT Electronics.

Part # BCN21
Description  Thick Film Chip Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN21 Datasheet(HTML) 1 Page - TT Electronics.

  BCN21 Datasheet HTML 1Page - TT Electronics. BCN21 Datasheet HTML 2Page - TT Electronics. BCN21 Datasheet HTML 3Page - TT Electronics. BCN21 Datasheet HTML 4Page - TT Electronics. BCN21 Datasheet HTML 5Page - TT Electronics. BCN21 Datasheet HTML 6Page - TT Electronics. BCN21 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BI Technologies IRC Welwyn
Sulphur resistant version available (Tested to ASTM-B809)
AEC-Q200 (BCN10, BCN164AB and BCN4D)
Concave and convex versions
Isolated and bussed versions
Thick Film Chip Arrays
BCN Series
Type
Part Number Start
Width (mm)
Resistor
Elements
Circuit
Package
Size
Scalloped
Convex
Square
Convex
Square
Concave
BCN10
BCN104AB
1.0
0402 x 4
Isolated
0804
BCN164
BCN164A
1.6
0603 x 4
1206
BCN164AB
BCN164ABI
BCN168
BCN168SB
0603 x 8
Bussed
BCN168RB
BCN21
BCN218SBI
2.1
0804 x 8
1608
BCN4D
BCN4D
3.1
1206 x 4
Isolated
2112
BCN4DBI
BCN31
BCN318SB
1206 x 8
Bussed1
2512
BCN318RB
BCN318SBI
BCN318RBI
Summary of Types
07.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Resistors
Electrical Data
BCN10
BCN164A
BCN164AB
BCN164ABI
BCN168
BCN21
BCN4D
BCN31
Resistor power rating @70°C
mW
63
32
63
125
63
Package power rating @70°C
mW
250
500
Limiting element voltage
V
25
50
25
75
50
Maximum overload voltage
V
63
125
63
188
125
Resistance range
ohms
10R – 1M0
100R – 1M0
68R – 220K
10R – 1M0
22R – 1M0
Resistance tolerance
%
1, 5
1, 2, 5
5
1, 5
1, 2, 5
TCR
ppm/°C
±200
±100, ±200
±200
Standard values
E24 preferred, E96 available
Ambient temperature range
°C
-55 to +155
Note 1 – For R/2R ladder circuit see separate BCN31L datasheet
OBSOLETE (BCN21 & CONCAVE OPTION ONLY)


Similar Part No. - BCN21

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN21 TTELEC-BCN21 Datasheet
623Kb / 9P
Thick Film Chip Arrays
More results

Similar Description - BCN21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
THICK FILM CHIP RESISTORS ARRAYS
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
Thick Film Chip Resistor Arrays
logo
RCD COMPONENTS INC.
CN1206A-1R00-J RCD-CN1206A-1R00-J Datasheet
46Kb / 1P
THICK FILM CONCAVE CHIP ARRAYS
logo
Bourns Electronic Solut...
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
Thick Film Chip Resistor Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
Thick Film Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
Thick Film Chip Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com