Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCN21 Datasheet(PDF) 2 Page - TT Electronics.

Part # BCN21
Description  Thick Film Chip Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN21 Datasheet(HTML) 2 Page - TT Electronics.

  BCN21 Datasheet HTML 1Page - TT Electronics. BCN21 Datasheet HTML 2Page - TT Electronics. BCN21 Datasheet HTML 3Page - TT Electronics. BCN21 Datasheet HTML 4Page - TT Electronics. BCN21 Datasheet HTML 5Page - TT Electronics. BCN21 Datasheet HTML 6Page - TT Electronics. BCN21 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BI Technologies IRC Welwyn
BCN Series
07.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Resistors
Thick Film Chip Arrays
Circuits
Isolated
Standard Bussed
Reverse Bussed
10
9
8
7
6
1
2
3
4
5
BCN 16 8R & BCN 31 8R
10
9
8
7
6
5
4
3
2
1
BCN 16 8S & BCN 31 8S
BCN 21
R1
R2
R3
R 4
BCN 06 4, BCN 4D, BCN 10 & BCN 16 4
R1 = R2 = R3 = R4
Environmental Data
Test
Condition
ΔR% (+0.1Ω)
±200ppm/°C TCR
±100ppm/°C TCR
Load life
1000 hrs cyclic load @ 70°C
3
1
Short term overload
2.5 x rated voltage for 5s
2
0.25
High temperature operation
1000 hrs @ 155°C
3
1
Temperature cycling
5 cycles, -55 to +155°C
1
1
Moisture resistance
1000 hrs @ 40°C, 95% RH
3
1
Resistance to solder heat
260°C for 10s
1
0.25
Sulphur resistance1
1000 hrs @ 50°C, 92% RH, 3-5ppm H
2S
0.5
0.5
Note 1 – Anti-sulphur construction only
OBSOLETE (BCN21 & CONCAVE OPTION ONLY)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com