Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZM Datasheet(PDF) 7 Page - Linear Technology

Part # LCZM
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZM Datasheet(HTML) 7 Page - Linear Technology

Back Button LCZM Datasheet HTML 3Page - Linear Technology LCZM Datasheet HTML 4Page - Linear Technology LCZM Datasheet HTML 5Page - Linear Technology LCZM Datasheet HTML 6Page - Linear Technology LCZM Datasheet HTML 7Page - Linear Technology LCZM Datasheet HTML 8Page - Linear Technology LCZM Datasheet HTML 9Page - Linear Technology LCZM Datasheet HTML 10Page - Linear Technology LCZM Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2641/LTC2642
7
26412f
TYPICAL PERFORMANCE CHARACTERISTICS
Bipolar Gain Error vs Temperature
Unbuffered Zero Scale Error vs
Temperature (LTC2641-16)
Unbuffered Full-Scale Error vs
Temperature (LTC2641-16)
14-Bit Integral Nonlinearity (INL)
(LTC2642-14)
IREF vs Code (Unipolar LTC2641)
14-Bit Differential Nonlinearity
(DNL) (LTC2642-14)
12-Bit Integral Nonlinearity (INL)
(LTC2642-12)
12-Bit Differential Nonlinearity
(DNL) (LTC2642-12)
TEMPERATURE (
°C)
–40
1
3
60
26412 G10
–1
–3
0
2
4
5
–2
–4
–5
–15
10
35
85
VREF = 2.5V
VDD = 5V
TEMPERATURE (
°C)
–40
1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
60
26412 G11
0
–1.0
–15
10
35
85
TEMPERATURE (
°C)
–40
60
26412 G12
–15
10
35
85
1.0
0.8
0.6
0.4
0.2
–0.2
0
–0.4
–0.6
–0.8
–1.0
CODE
0
100
150
65535
26412 G15
50
0
16384
32768
49152
250
200
VREF = 2.5V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
26412 G16
–0.6
0.6
0.8
0.2
3072
4095
LTC2642-12
VREF = 2.5V
VDD = 5V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
26412 G17
–0.6
0.6
0.8
0.2
3072
4095
LTC2642-12
VREF = 2.5V
VDD = 5V
CODE
0
100
150
65535
26412 G18
50
0
16384
32768
49152
250
200
VREF = 2.5V
IREF vs Code (Bipolar LTC2642)
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
26412 G13
–0.6
0.6
0.8
0.2
12288
16383
LTC2642-14
VREF = 2.5V
VDD = 5V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
26412 G14
–0.6
0.6
0.8
0.2
12288
16383
LTC2642-14
VREF = 2.5V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com