Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZM Datasheet(PDF) 12 Page - Linear Technology

Part # LCZM
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZM Datasheet(HTML) 12 Page - Linear Technology

Back Button LCZM Datasheet HTML 8Page - Linear Technology LCZM Datasheet HTML 9Page - Linear Technology LCZM Datasheet HTML 10Page - Linear Technology LCZM Datasheet HTML 11Page - Linear Technology LCZM Datasheet HTML 12Page - Linear Technology LCZM Datasheet HTML 13Page - Linear Technology LCZM Datasheet HTML 14Page - Linear Technology LCZM Datasheet HTML 15Page - Linear Technology LCZM Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2641/LTC2642
12
26412f
Power-On Reset
The LTC2641/LTC2642 include a power-on reset circuit
to ensure that the DAC ouput comes up in a known state.
When VDD is first applied, the power-on reset circuit sets
the output of the LTC2641 to zero-scale (code 0). The
LTC2642 powers up to midscale (bipolar zero). Depend-
ing on the DAC number of bits, the midscale code is:
OPERATION
32,768 (LTC2642-16); 8,192 (LTC2642-14); or 2,048
(LTC2642-12).
Clearing the DAC
A 10ns (minimum) low pulse on the
⎯C⎯L⎯R pin asynchro-
nously clears the DAC latch to code zero (LTC2641) or to
midscale (LTC2642).
APPLICATIONS INFORMATION
Unipolar Configuration
Figure 2 shows a typical unipolar DAC application for
the LTC2641. Tables 1a, 1b and 1c show the unipolar
binary code tables for 16-bit, 14-bit and 12-bit operation.
16-BIT DAC
1/2 LTC6078
5V/3V
5V/3V
VREF
2.5V
VDD
LTC2641-16
UNIPOLAR VOUT
0V TO 2.5V
4.7
μF
0.1
μF
REF
1
6
8
VOUT
GND
26412 F02
0.1
μF
0.1
μF
7
5
4
3
2
CS
SCLK
DIN
CLR
LT®1019CS8-2.5
GND
OUT
5V
IN
The external amplifier provides a unity-gain buffer. The
LTC2642 can also be used in unipolar configuration by
tying RFB and INV to REF. This provides power-up and
clear to midscale.
Table 1b. 14-Bit Unipolar Binary Code Table
(LTC2641-14)
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
ANALOG OUTPUT
(VOUT)
MSB
LSB
1111 1111 1111 11xx VREF (16,383/16,384)
1000 0000 0000 00xx VREF (8,192/16,384) = VREF/2
0000 0000 0000 01xx VREF (1/16,384)
0000 0000 0000 00xx 0V
Figure 2. 16-Bit Unipolar Output (LTC2641-16) Unipolar VOUT = 0V to VREF
Table 1a. 16-Bit Unipolar Binary Code Table
(LTC2641-16)
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
ANALOG OUTPUT
(VOUT)
MSB
LSB
1111 1111 1111 1111 VREF (65,535/65,536)
1000 0000 0000 0000 VREF (32,768/65,536) = VREF/2
0000 0000 0000 0001 VREF (1/65,536)
0000 0000 0000 0000 0V
Table 1c. 12-Bit Unipolar Binary Code Table
(LTC2641-12)
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
ANALOG OUTPUT
(VOUT)
MSB
LSB
1111 1111 1111 xxxx VREF (4,095/4,096)
1000 0000 0000 xxxx VREF (2,048/4,096) = VREF/2
0000 0000 0001 xxxx VREF (1/4,096)
0000 0000 0000 xxxx 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com