Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF545 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MBRF545
Description  SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF545 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBRF545 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF545 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 10. 30
2/2
MBRF545
Revision No : 1
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
0
0.2
0.5
0.4
0.6
0.8
1.0
1.2
1.0
3.0
5.0
10
30
50
10
20
30
40
50
0.1
0.01
1.0
10
100
T
j=25 C
T
j=25 C
IF - TC
IF - TA
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
1
0
0
100
120
1
DC
40
80
120
160
DC
DC
234
6
5
1
2
DC
3
4
130
140
150
160
110
2
3
4
5
6
2
20
60
100
140
4
6
8
10
RATED VOLTAGE APPLIED
(NO HEAT SINK)
ΘJA
R
=16 C/W
ΘJA
R
=60 C/W
RATED VOLTAGE
R
= 4.5 C/W
APPLIED
ΘJC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com