Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF545 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBRF545
Description  SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF545 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBRF545 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF545 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 10. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBRF545
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
Average Output Rectified Current
: IO=5A.
Repetitive Peak Reverse Voltage
: VRRM=45V.
Fast Reverse Recovery Time : trr=35ns.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
J
K
L
N
P
Q
R
1
2
3
L
N
D
H
E
R
L
S
1. CATHODE
2. NC
3. ANODE
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
5.08 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=5A
-
-
0.7
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
150
Reverse Recovery Time
trr
IF=1.0A, di/dt=-30A/ s
-
-
35
ns
Thermal Resistance
Rth(j-c)
Juction to Case
-
-
4.5
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
45
V
Average Output Rectified
Current
IO
5
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
100
A
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-55
150


Similar Part No. - MBRF545

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
MBRF545 DSK-MBRF545 Datasheet
221Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
KEC(Korea Electronics)
MBRF545CT KEC-MBRF545CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF545CT KEC-MBRF545CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF545CT KEC-MBRF545CT_08 Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRF545

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBR545CT KEC-MBR545CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR30100CT KEC-MBR30100CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR20200CT KEC-MBR20200CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF30100CT KEC-MBRF30100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF10150CT KEC-MBRF10150CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1045CT KEC-MBRF1045CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com