Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVR1005T-R17K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TLVR1005T-R17K
Description  TLVR1005T SeriesTrans-Inductor Voltage Regulator (TLVR) Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TLVR1005T-R17K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TLVR1005T-R17K Datasheet HTML 1Page - Bourns Electronic Solutions TLVR1005T-R17K Datasheet HTML 2Page - Bourns Electronic Solutions TLVR1005T-R17K Datasheet HTML 3Page - Bourns Electronic Solutions TLVR1005T-R17K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
Features
n
Shielded construction for low radiation
n
Dual winding inductors
n
Extremely high current
n
Inductance range: 70 to 170 nH
n
RoHS compliant* and halogen free**
Applications
n
Servers and workstations
n
Data centers
n
Data networking and storage systems
n
Notebook and desktop computers
n
Graphic cards and battery powered systems
n
Multi-phase regulators
n
Voltage Regulator Modules (VRMs)
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
Pin 1-4 /
Pin 2-3
Inductance
@Isat1
Min.
Pin 1-4
DCR
±10 %
(mW)
Irms
(A)
Isat1
(A)
Isat2
(A)
Isat3
(A)
Kps
Typ.
L
(nH)
Tol.
(%)
Pin
1-4
Pin
2-3
Pin
1-4
Pin
2-3
@25 °C
@100 °C
@125 °C
TLVR1005T-70NK
70
±10
50
0.125
0.450
75
35
127
110
100
0.93
TLVR1005T-80NK
80
±10
57
0.125
0.450
75
35
111
96
87
0.94
TLVR1005T-90NK
90
±10
64
0.125
0.450
75
35
98
85
77
0.95
TLVR1005T-R10K
100
±10
72
0.125
0.450
75
35
89
77
70
0.95
TLVR1005T-R12K
120
±10
86
0.125
0.450
75
35
74
64
58
0.96
TLVR1005T-R15K
150
±10
108
0.125
0.450
75
35
59
51
46
0.96
TLVR1005T-R17K
170
±10
122
0.125
0.450
75
35
52
45
41
0.97
General Specifications
Operating Temperature
................................ -40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................ -40 °C to +125 °C
Temperature Rise
.......................40 °C typ. at rated Irms
Rated Current
............ Inductance drops 20 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Electrical Schematic
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Materials
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....................300 pcs. per reel
How to Order
TLVR1005T - 70NK
Model
Value Code (see table)
12
34
MARKING LABEL
(BLACK INK)
DCR 2-3
DCR 1-4
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
9.7 ± 0.3
(.382 ± .012)
1.60
(.063)
1.1
(.043)
TYP.
1.75
(.069)
0.86
(.034)
TYP.
8.6
(.339)
1.96
(.077)
TYP.
TYP.
8.60
(.339)
1.96
(.077)
11.7 ± 0.3
(.461 ± .012)
4.7 ± 0.3
(.185 ± .012)
2.3
(.091)
TYP.
3.00
(.118)
Recommended Layout
12
34
MARKING LABEL
(BLACK INK)
DCR 2-3
DCR 1-4
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
9.7 ± 0.3
(.382 ± .012)
1.60
(.063)
1.1
(.043)
TYP.
1.75
(.069)
0.86
(.034)
TYP.
8.6
(.339)
1.96
(.077)
TYP.
TYP.
8.60
(.339)
1.96
(.077)
11.7 ± 0.3
(.461 ± .012)
4.7 ± 0.3
(.185 ± .012)
2.3
(.091)
TYP.
3.00
(.118)
1
4
2
3


Similar Part No. - TLVR1005T-R17K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TLVR1105T BOURNS-TLVR1105T Datasheet
564Kb / 4P
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
REV. 04/24
TLVR1105T-70NY BOURNS-TLVR1105T-70NY Datasheet
564Kb / 4P
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
REV. 04/24
TLVR1105T-80NY BOURNS-TLVR1105T-80NY Datasheet
564Kb / 4P
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
REV. 04/24
TLVR1105T-90NY BOURNS-TLVR1105T-90NY Datasheet
564Kb / 4P
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
REV. 04/24
TLVR1105T-R10Y BOURNS-TLVR1105T-R10Y Datasheet
564Kb / 4P
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
REV. 04/24
More results

Similar Description - TLVR1005T-R17K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
POWER TRANS ISTOR
logo
NXP Semiconductors
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
Voltage regulator series
Rev. 01-16 November 2006
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
RT Trans-controller
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
POWER TRANS FORMERS
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
PRINTED CIRCUIT TRANS FORMERS
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
SUNMATE electronic Co.,...
S8050 SUNMATE-S8050 Datasheet
718Kb / 3P
SILICON EPITAXIAL PLANAR TRANS ISTOR
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
NPN DARLINGTON TRANS IBTOR
logo
TOKYO SEIMITSU CO., LTD
E-DT-80LA ACCRETECH-E-DT-80LA Datasheet
507Kb / 6P
Detector (Differential Trans-Type) Features
logo
Nanjing Qinheng Microel...
CH9342 WCH-CH9342 Datasheet
104Kb / 4P
USB Trans-stroke chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com