Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVR1005T-R17K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TLVR1005T-R17K
Description  TLVR1005T SeriesTrans-Inductor Voltage Regulator (TLVR) Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TLVR1005T-R17K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TLVR1005T-R17K Datasheet HTML 1Page - Bourns Electronic Solutions TLVR1005T-R17K Datasheet HTML 2Page - Bourns Electronic Solutions TLVR1005T-R17K Datasheet HTML 3Page - Bourns Electronic Solutions TLVR1005T-R17K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
Typical Inductance vs. Current Curves
TLVR1005T-70NK
TLVR1005T-80NK
REV. 12/23
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
80
70
60
50
40
30
20
10
0
02040140
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
120
100
80
60
40
20
0
020406080100
Current (A)
@25 °C
@125 °C
@100 °C
140
120
100
80
60
40
20
0
020406080100
Current (A)
@25 °C
@125 °C
@100 °C
90
80
70
60
50
40
30
20
10
0
02040140
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
100
90
80
70
60
50
40
30
20
10
0
020406080100
120
Current (A)
@25 °C
@125 °C
@100 °C
160
140
120
100
80
60
40
20
0
020406080100
Current (A)
@25 °C
@125 °C
@100 °C
200
180
160
140
120
100
80
60
40
20
0
020406080100
Current (A)
@25 °C
@125 °C
@100 °C
TLVR1005T-90NK
TLVR1005T-R10K
TLVR1005T-R12K
TLVR1005T-R15K
TLVR1005T-R17K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com