Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2621 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2621
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2621 Datasheet(HTML) 1 Page - Linear Technology

  LTC2621 Datasheet HTML 1Page - Linear Technology LTC2621 Datasheet HTML 2Page - Linear Technology LTC2621 Datasheet HTML 3Page - Linear Technology LTC2621 Datasheet HTML 4Page - Linear Technology LTC2621 Datasheet HTML 5Page - Linear Technology LTC2621 Datasheet HTML 6Page - Linear Technology LTC2621 Datasheet HTML 7Page - Linear Technology LTC2621 Datasheet HTML 8Page - Linear Technology LTC2621 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2641/LTC2642
1
26412f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
16-/14-/12-Bit VOUT DACs in
3mm
× 3mm DFN
The LTC®2641/LTC2642 are families of 16-, 14- and 12-bit
unbuffered voltage output DACs. These DACs operate from
a single 2.7V to 5.5V supply and are guaranteed monotonic
over temperature. The LTC2641-16/LTC2642-16 provide
16-bit performance (±2LSB INL and ±1LSB DNL) over
temperature. Unbuffered DAC outputs result in low supply
current of 120μA and a low offset error of ±1LSB.
Both the LTC2641 and LTC2642 feature a reference input
range of 2V to VDD. VOUT swings from 0V to VREF. For
bipolar operation, the LTC2642 includes matched scaling
resistors for use with an external precision op amp (such
as the LT1678), generating a ±VREF output swing at RFB.
The LTC2641/LTC2642 use a simple SPI/MICROWIRE
compatible 3-wire serial interface which can be operated
at clock rates up to 50MHz and can interface directly
with optocouplers for applications requiring isolation. A
power-on reset circuit clears the LTC2641’s DAC output
to zero scale and the LTC2642’s DAC output to midscale
when power is initially applied. A logic low on the
⎯C⎯L⎯R pin
asynchronously clears the DAC to zero scale (LTC2641)
or midscale (LTC2642). These DACs are all specified over
the commercial and industrial ranges.
■ Tiny 3mm
× 3mm 8-Pin DFN Package
■ Maximum 16-Bit INL Error: ±2LSB over Temperature
■ Low 120μA Supply Current
■ Guaranteed Monotonic over Temperature
■ Low 0.5nV•sec Glitch Impulse
■ 2.7V to 5.5V Single Supply Operation
■ Fast 1μs Settling Time to 16 Bits
■ Unbuffered Voltage Output Directly Drives 60k Loads
■ 50MHz SPI
TM/QSPITM/MICROWIRETM Compatible
Serial Interface
■ Power-On Reset Clears DAC Output to Zero Scale
(LTC2641) or Midscale (LTC2642)
■ Schmitt-Trigger Inputs for Direct Optocoupler
Interface
■ Asynchronous
⎯C⎯L⎯R Pin
■ 8-Lead MSOP and 3mm
× 3mm DFN Packages
(LTC2641)
■ 10-Lead MSOP and 3mm
× 3mm DFN Packages
(LTC2642)
■ High Resolution Offset and Gain Adjustment
■ Process Control and Industrial Automation
■ Automatic Test Equipment
■ Data Aquisition Systems
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Bipolar 16-Bit DAC
16-BIT DATA LATCH
CONTROL
LOGIC
16-BIT DAC
1/2 LT1678
INV
RFB
VDD
VREF
2V TO VDD
BIPOLAR VOUT
–VREF TO VREF
0.1
μF
5pF
REF
2.7V TO 5.5V
VOUT
GND
26412 TA01a
16-BIT SHIFT REGISTER
1
μF
0.1
μF
LTC2642
POWER-ON
RESET
CS
SCLK
DIN
CLR
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
16384
32768
LT1372 • G10
–0.6
0.6
0.8
0.2
49152
65535
VDD = 5V
VREF = 2.5V
±2.5V RANGE
INL 25
°C
INL 90
°C
INL –45
°C
LTC2642-16 Integral Nonlinearity


Similar Part No. - LTC2621

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2621 LINER-LTC2621 Datasheet
321Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2621 LINER-LTC2621 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2621CDD LINER-LTC2621CDD Datasheet
321Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2621IDD LINER-LTC2621IDD Datasheet
321Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2621 LINER-LTC2621_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
More results

Similar Description - LTC2621

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com